ATS-21D-83-C2-R0
AI

The **ATS-21D-83-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions Inc. It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors.
### 1. Technical Specifications
The part number follows a specific nomenclature used by Advanced Thermal Solutions (ATS). Here are the primary specifications:
| Feature | Specification |
| :--- | :--- |
| **Product Type** | Heat Sink |
| **Series** | pushPIN™ |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Fin Type** | Straight Fin |
| **Thermal Resistance** | 1.62°C/W (at 100 LFM) |
| **Dimensions (L x W x H)** | 30mm x 30mm x 20mm |
---
### 2. Key Component Breakdown
#### A. The Heat Sink Body
The body is made of **Aluminum**, which offers a high thermal conductivity-to-weight ratio. The **Straight Fin** design allows for efficient airflow, making it ideal for systems with forced-air cooling (fans).
#### B. Push-Pin Mounting System
The "21D" and "C2" parts of the code refer to the mounting mechanism. It uses a **Push-Pin** style with a compression spring. This ensures:
* **Constant Pressure:** Prevents the heat sink from shifting.
* **Ease of Assembly:** No special tools are required for installation on a PCB with pre-drilled holes.
#### C. Thermal Interface Material (TIM)
The "-R0" suffix indicates that the unit comes with **pre-applied Thermal Interface Material**. This is typically a high-performance phase-change material or thermal pad that fills microscopic air gaps between the chip and the heat sink.
---
### 3. Application Use Cases
This specific model is commonly used in:
* **Embedded Systems:** Industrial PCs and controllers.
* **Telecommunications:** Network switches and routers.
* **Power Supplies:** Cooling voltage regulators and MOSFETs.
---
### 4. Thermal Performance Data
Performance varies based on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 1.62 |
| 300 (1.5 m/s) | 0.82 |
| 500 (2.5 m/s) | 0.61 |
- ⤷
What is the significance of the 'Blue Anodized' finish for this component?
- ⤷ How do I calculate if this heat sink is sufficient for my component's TDP?
- ⤷ Are there alternative mounting options if my PCB doesn't have holes?