ATS-21D-91-C2-R0
AI

The **ATS-21D-91-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the high-performance heatsink series, specifically designed for cooling electronic components like CPUs, GPUs, or BGAs.
---
### ## Technical Specifications
Below are the primary electronic and physical specifications for this part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-21D-91-C2-R0 |
| **Component Type** | Heat Sink |
| **Attachment Method** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 21.97°C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 10.00mm |
---
### ## Key Electronic & Thermal Components
### 1. Thermal Management Properties
The "electronic" function of this part is passive thermal management. It dissipates heat generated by semiconductor junctions to prevent thermal throttling or hardware failure.
* **Thermal Resistance:** It is rated for a resistance of **21.97°C/W** at low airflow, dropping significantly as air velocity increases.
* **Heat Transfer:** Designed for high-density electronic packaging where vertical space is limited (10mm height).
### 2. The pushPIN™ Attachment System
Unlike adhesive-based heatsinks, the `-R0` suffix indicates a mechanical attachment system.
* **Springs:** Uses a stainless steel or brass spring to provide precise pressure (preload) for consistent thermal interface material (TIM) performance.
* **Push Pins:** Made of durable plastic or metal, these snap into pre-drilled holes on the PCB, ensuring the heatsink does not shift during vibration or shipping.
### 3. Material Science (Aluminum & Finish)
* **AL6063:** The aluminum alloy used provides high thermal conductivity.
* **Blue Anodized Coating:** This is not just aesthetic; the anodization layer provides electrical insulation (to prevent shorting if a lead touches the sink) and increases surface emissivity, improving radiation cooling.
---
### ## Usage Context
This part is typically found in the following electronic environments:
1. **Telecommunications:** Cooling of networking chips.
2. **Embedded Systems:** Industrial PCs where high reliability is required.
3. **Power Electronics:** Dissipating heat from MOSFET arrays or voltage regulators.
- ⤷
What is the thermal resistance of this heatsink at 500 LFM airflow?
- ⤷ Does this model come with pre-applied Thermal Interface Material (TIM)?
- ⤷ What are the spacing requirements for the PCB holes for the pushPIN system?