ATS-21D-92-C2-R0
AI

The **ATS-21D-92-C2-R0** is a high-performance electronic component belonging to the thermal management category. Specifically, it is a **Heatsink** designed by Advanced Thermal Solutions (ATS) for cooling integrated circuits (ICs) and other electronic surface-mount devices.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Product Type** | Heatsink (Push-Pin style) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 15.00mm |
| **Thermal Resistance** | 16.48°C/W (at 100 LFM) |
| **Attachment Method** | Push-Pin (Brass) |
| **Thermal Interface Material (TIM)** | T766 (High performance) |
---
### 2. Key Components & Construction
#### A. Fin Design (Straight Fin)
The "92" series features a **straight fin** design. These fins provide a large surface area for heat dissipation. They are ideal for applications where there is a consistent, unidirectional airflow (forced convection) across the component.
#### B. Attachment Mechanism: Push-Pin
Unlike adhesive-based heatsinks, the `ATS-21D` uses a **push-pin and spring** system.
* **Benefits:** It provides uniform pressure across the component for better heat transfer and is more reliable than "peel-and-stick" tape in high-vibration environments.
* **Hardware:** It typically uses brass pins with stainless steel springs to ensure long-term mechanical tension.
#### C. Thermal Interface Material (TIM)
The part comes pre-applied with **T766**. This is a thermal pad or paste that fills microscopic air gaps between the chip and the heatsink, significantly reducing thermal resistance.
---
### 3. Application Use Cases
This specific size (40x40mm) is commonly used for:
* **CPUs/GPUs:** Small embedded processors.
* **FPGAs:** Field Programmable Gate Arrays that generate significant heat.
* **Telecommunications:** Network switches and routers.
* **Power Supplies:** Cooling voltage regulators and power MOSFETs.
---
### 4. Thermal Performance Data
Performance varies based on the airflow (Measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 | 16.48 |
| 200 | 6.17 |
| 300 | 4.46 |
| 400 | 3.60 |
---
- ⤷
What is the difference between the 'C2' and 'R0' suffixes in ATS part numbers?
- ⤷ How do I calculate if the 16.48°C/W thermal resistance is sufficient for my specific IC?
- ⤷ Are there alternative attachment methods if my PCB doesn't have holes for push-pins?