ATS-21F-33-C2-R0
AI

The **ATS-21F-33-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" series designed for cooling processors and other high-heat surface-mount components.
---
### 1. Technical Specifications
The part number encodes specific physical and thermal characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Attachment Type** | Push-Pin (Plastic) |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions (L x W x H)** | 54mm x 54mm x 15mm |
| **Thermal Resistance** | ~3.79°C/W (at 200 LFM) |
| **Fin Style** | Straight Fin |
---
### 2. Electronic & Mechanical Parts Breakdown
The assembly consists of three primary components that work together to provide thermal stability to an electronic circuit:
#### A. The Heat Sink Body (Aluminum)
* **Material:** 6063 Aluminum alloy, which offers excellent thermal conductivity.
* **Surface Finish:** Blue Anodized. This thin oxide layer prevents corrosion and improves emissivity (radiant heat transfer).
* **Design:** The maxiFLOW™ pattern uses a high-aspect-ratio fin design to maximize surface area contact with the air.
#### B. The Push-Pin Fasteners
* **Material:** Nylon (Plastic).
* **Function:** These provide the mechanical force needed to hold the heat sink against the chip.
* **Springs:** Usually paired with a compression spring to ensure constant downward pressure, compensating for thermal expansion and vibration.
#### C. Thermal Interface Material (TIM)
* **Type:** Pre-applied T766 phase-change material or similar.
* **Purpose:** Fills the microscopic air gaps between the heat source (IC/CPU) and the aluminum base to reduce thermal impedance.
---
### 3. Application Use Cases
This specific part is typically found in the following electronic environments:
1. **Networking Hardware:** Switches, routers, and high-speed gateways.
2. **Embedded Systems:** Industrial PCs and motherboards using BGAs (Ball Grid Arrays).
3. **Power Supplies:** Cooling high-wattage voltage regulators or MOSFETs.
---
### 4. Mounting Requirements
To use this part, the Printed Circuit Board (PCB) must have:
* Two pre-drilled holes spaced according to the ATS-21F specification.
* Clearance around the component to accommodate the 54mm x 54mm footprint.
- ⤷
What are the benefits of using a push-pin mount over adhesive tape for heat sinks?
- ⤷ How does 'thermal resistance' affect the cooling performance of this part?
- ⤷ Are there specific PCB hole sizes required for the ATS push-pin series?