ATS-21F-50-C2-R0
AI

The **ATS-21F-50-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" series designed for cooling integrated circuits (ICs) and other PCB-mounted components.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Property | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height** | 15mm |
| **Fin Style** | XC-CUT (Cross-Cut) |
| **Attachment Method** | Push Pin (Plastic) |
| **Interface Material** | T766 (Thermal Tape) |
---
### 2. Key Electronic Features
#### A. XC-CUT Fin Geometry
Unlike straight-fin heat sinks, the XC-CUT design allows for multi-directional airflow. This is critical in electronics enclosures where the fan placement might not align perfectly with the fins. It increases the surface area and turbulence, enhancing heat dissipation.
#### B. Push-Pin Attachment
This part utilizes a mechanical push-pin system with a built-in spring.
* **Reliability:** Ensures consistent pressure (clamping force) between the heat sink and the electronic component (CPU/GPU/FPGA).
* **Ease of Assembly:** Features pre-drilled holes in the PCB for secure mounting without the need for messy liquid adhesives.
#### C. Thermal Interface Material (T766)
The "C2" suffix typically denotes the inclusion of a pre-applied Thermal Interface Material (TIM). T766 is a phase-change or high-conductivity tape that fills microscopic air gaps between the component and the heat sink to reduce thermal resistance.
---
### 3. Thermal Performance Data
Thermal resistance depends on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow Rate (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **200 (1.0 m/s)** | ~18.99 |
| **400 (2.0 m/s)** | ~12.27 |
| **600 (3.0 m/s)** | ~9.25 |
---
### 4. Common Applications
* **Embedded Systems:** Cooling high-speed processors.
* **Telecommunications:** Cooling ASICs in routers and switches.
* **Industrial Power Supplies:** Managing heat in MOSFETs or voltage regulators.
- ⤷
What are the specific hole dimensions required on a PCB for this push-pin mount?
- ⤷ How does the T766 thermal interface material compare to standard thermal paste?
- ⤷ Are there low-profile alternatives to the 15mm height version of this heat sink?