ATS-21F-53-C2-R0
AI

The **ATS-21F-53-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** designed by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** series, known for its high-density fin structure which optimizes airflow and heat dissipation for integrated circuits.
---
### 1. Technical Specifications
The following table summarizes the primary physical and thermal characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Part Number** | ATS-21F-53-C2-R0 |
| **Product Type** | Heatsink (Air Cooled) |
| **Material** | Aluminum (Anodized Blue) |
| **Attachment Method** | pushPIN™ |
| **Dimensions (L x W x H)** | 40mm x 40mm x 30mm |
| **Fin Style** | Straight Fin (maxiFLOW™) |
| **Thermal Resistance** | ~1.42 °C/W (at 200 LFM) |
| **RoHS Status** | Compliant |
---
### 2. Key Component Features
#### A. Attachment System (pushPIN™)
This part utilizes the proprietary **pushPIN™** attachment mechanism. Instead of using messy adhesives or simple clips, it uses a spring-loaded pin system.
* **Benefits:** Provides precise pressure (Force) to ensure optimal interface between the heatsink and the chip.
* **Security:** Prevents the heatsink from shifting during mechanical shock or vibration.
#### B. maxiFLOW™ Fin Design
The "maxiFLOW" geometry is characterized by a tapered fin structure.
* **Airflow Efficiency:** It is designed to maximize the surface area while minimizing pressure drop.
* **Versatility:** It performs exceptionally well in "ducted" airflow environments where air is forced directly through the fins.
#### C. Phase Change Material (TIM)
The "C2" in the part number typically denotes the thermal interface material (TIM) applied to the base.
* **Pre-Applied:** It usually comes with a pre-applied thermal pad or phase-change material, reducing assembly time and ensuring a bubble-free contact layer.
---
### 3. Application Use Cases
This specific heatsink is generally used for cooling medium-to-high power electronic components, including:
* **ASICs and FPGAs:** Used in telecommunications and networking gear.
* **Processors:** Embedded CPUs that require active or significant passive cooling.
* **Power Supplies:** Cooling high-heat-generating transistors or MOSFETs.
---
- ⤷
What are the specific mounting hole dimensions required for the pushPIN system?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance compared to bare aluminum?
- ⤷ Can this heatsink be used with a cooling fan
- ⤷ or is it strictly for passive airflow?