ATS-21F-64-C2-R0
AI

## Technical Analysis of ATS-21F-64-C2-R0
The **ATS-21F-64-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **maxiFLOW™** series, designed to provide superior cooling for electronic components like BGAs and CPUs.
### 1. General Specifications
The following table highlights the core physical and thermal attributes of the part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Series** | maxiFLOW™ |
| **Attachment Method** | pushPIN™ |
| **Material** | Aluminum (with Blue Anodized Finish) |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 25.00mm |
| **Thermal Resistance** | 3.39°C/W (at 200 LFM) |
| **Weight** | ~45 grams |
---
### 2. Design Features
The "F" in the part number indicates a specific fin pattern designed for optimized airflow.
* **Fin Geometry:** It features a **spread-fin design** (tapered fins). This maximizes surface area while reducing the pressure drop, allowing air to flow more efficiently through the heat sink.
* **Attachment (pushPIN™):** This part utilizes a specialized mounting system that includes:
* **Brass Bolts:** For secure mechanical connection.
* **Pre-drilled Holes:** Designed for easy PCB installation.
* **Compression Springs:** Provides consistent pressure to ensure optimal contact with the heat source.
* **Thermal Interface Material (TIM):** This specific model typically comes with a pre-applied **T766** phase-change material or high-performance thermal grease to eliminate air gaps between the component and the sink.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps in identifying specific variations:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **21** | Series Number (pushPIN™ series) |
| **F** | Fin Type (Fine pitch/Spread-fin) |
| **64** | Specific internal design/dimensions code |
| **C2** | Thermal Performance/Material grade (Alum. Blue Anodized) |
| **R0** | RoHS Compliant version |
---
### 4. Thermal Performance Data
Performance varies based on the Airflow (measured in Linear Feet per Minute - LFM):
| Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 | 3.39 |
| 400 | 2.01 |
| 600 | 1.59 |
| 800 | 1.38 |
---
- ⤷
What are the PCB hole diameter requirements for the pushPIN™ attachment?
- ⤷ How does the Blue Anodized finish impact the thermal emissivity of this heat sink?
- ⤷ Can this heat sink be used with a custom Thermal Interface Material (TIM)?