ATS-21F-71-C2-R0
AI

The **ATS-21F-71-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions, Inc. (ATS). It is part of the "push-pin" attachment series designed for cooling electronic components like CPUs, GPUs, and power modules.
---
### 1. Technical Specifications
The following table summarizes the key physical and thermal properties of this specific part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Fin Style** | Straight (Vertical) |
| **Thermal Resistance** | 6.70°C/W (at 1.0 m/s airflow) |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **Dimensions** | 45mm x 45mm x 30mm |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### 2. Key Design Components
#### A. Fin Geometry
The "71" in the part number corresponds to a specific fin profile. These are **Straight Fins** designed for unidirectional airflow. This design provides a large surface area for heat dissipation while maintaining a relatively low pressure drop across the sink.
#### B. Push-Pin Attachment Mechanism
Instead of using adhesive tapes or complex brackets, this part uses a **Push-Pin** system:
* **Ease of Assembly:** Pins snap into pre-drilled holes on the PCB.
* **Compression Spring:** A spring provides consistent pressure across the interface, ensuring optimal heat transfer between the electronic chip and the aluminum base.
#### C. Thermal Interface Material (TIM)
The unit comes pre-applied with **T766**. This is a phase-change or high-performance thermal grease that fills microscopic air gaps between the component and the heat sink, significantly reducing thermal resistance.
---
### 3. Applications
This part is typically found in the following electronic environments:
* **Telecommunications:** Cooling of high-speed networking chips.
* **Embedded Systems:** Dissipating heat from industrial controllers.
* **Computing:** Secondary cooling for chipsets or power regulators on a motherboard.
---
### 4. Part Number Decoding (Breakdown)
`ATS` - `21` - `F` - `71` - `C2` - `R0`
* **ATS:** Advanced Thermal Solutions (Manufacturer).
* **21:** Part of the pushPIN™ product family.
* **F:** Fine pitch fin configuration.
* **71:** Specific height/fin geometry identifier.
* **C2:** Material/Color code (Aluminum, Blue Anodized).
* **R0:** Revision/Standard packaging code.
- ⤷
What are the PCB hole requirements for the push-pin mounting of this heat sink?
- ⤷ How does the thermal resistance of this model change at higher airflow speeds?
- ⤷ Can the T766 thermal interface material be replaced with a different compound?