AI

The **ATS-21F-79-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heat sink**. It is designed to dissipate heat from surface-mount components like CPUs, GPUs, or FPGAs.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Product Series** | pushPIN™ Heat Sink |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass) |
| **Spring Type** | Compression Spring (Stainless Steel) |
| **Thermal Interface** | Pre-applied T766 Phase Change Material |
---
### 2. Physical Dimensions
Precision sizing is critical for ensuring no interference with surrounding components on the PCB (Printed Circuit Board).
* **Length:** 45.00 mm
* **Width:** 45.00 mm
* **Height (Fin Height):** 20.00 mm
* **Pitch (Hole-to-Hole):** 38.00 mm (Standard spacing for push-pin mounting)
---
### 3. Thermal Performance
Thermal resistance is measured based on the airflow (Velocity) within the electronic enclosure.
* **Unducted Flow:** 26.32 °C/W @ 100 LFM (Linear Feet per Minute).
* **Ducted Flow:** 1.37 °C/W @ 400 LFM.
* **Efficiency:** The "mini-fan" fin design increases surface area and creates turbulence, which helps strip away the boundary layer of hot air more effectively than standard extruded heat sinks.
---
### 4. Component Breakdown
#### A. The Heat Sink (Aluminum)
The body is made of **Aluminum 6063**, which offers a high thermal conductivity-to-weight ratio. The **Blue Anodized** coating is not just aesthetic; it provides corrosion resistance and increases surface emissivity, which slightly improves radiative cooling.
#### B. The Push-Pin Mechanism
Instead of using messy adhesives or permanent solder, this part uses **brass push-pins** and **stainless steel springs**.
* **Benefit:** Provides consistent "clamping force" on the chip, ensuring the thermal interface material is compressed evenly.
* **Repairability:** Allows for easy removal and re-installation during maintenance.
#### C. Thermal Interface Material (TIM)
The **T766** is a "Phase Change Material." When the electronic component heats up, the material softens to fill microscopic air gaps between the chip surface and the heat sink base, maximizing heat transfer.
---
### 5. Application Use-Case
This part is typically found in:
* **Telecommunications:** Cooling high-speed switching chips.
* **Industrial PC:** Ruggedized computers requiring passive or forced-air cooling.
* **Embedded Systems:** High-power modules that require a secure mechanical attachment due to vibration risks.
- ⤷What is the difference between ducted and unducted thermal resistance?
- ⤷ How do I calculate the correct push-pin pitch for my PCB design?
- ⤷ Can the T766 thermal material be replaced with standard thermal paste?