ATS-21F-91-C2-R0
AI

## ATS-21F-91-C2-R0: Technical Overview
The **ATS-21F-91-C2-R0** is a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS). It is designed specifically for thermal management in electronic systems, particularly for cooling Integrated Circuits (ICs), BGAs, and other surface-mount components.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Part Number** | ATS-21F-91-C2-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin |
| **Thermal Resistance** | 12.94°C/W (Unducted Flow @ 200 LFM) |
| **Dimensions (L x W x H)** | 40mm x 40mm x 10mm |
| **Fin Type** | XC-Cut (Cross-Cut) |
---
### 2. Major Components and Design Features
#### A. XC-Cut Fin Design
The "XC-Cut" refers to the straight-fin design with cross-cuts. This allows for:
* **Omnidirectional Airflow:** Air can enter and exit from multiple directions, making it ideal for systems where airflow direction isn't strictly controlled.
* **Increased Surface Area:** The cross-cuts maximize the area available for heat dissipation.
#### B. Push-Pin Attachment
The component uses a **Push-Pin** mounting mechanism with a built-in spring.
* **Stability:** Provides consistent pressure on the thermal interface material (TIM).
* **Reliability:** Ensures the heat sink remains attached during mechanical shocks or vibrations.
* **Hole Pattern:** Requires pre-drilled holes in the PCB.
#### C. Thermal Interface Material (TIM)
The "R0" at the end of the part number typically indicates the inclusion of a specific high-performance thermal interface (usually a phase-change material or thermal tape) pre-applied to the base to ensure optimal heat transfer from the chip to the aluminum.
---
### 3. Thermal Performance Metrics
The effectiveness of the heat sink varies based on the Air Velocity (Measured in Linear Feet per Minute - LFM):
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 21.97 |
| 200 (1.0 m/s) | 12.94 |
| 400 (2.0 m/s) | 7.13 |
| 600 (3.0 m/s) | 5.33 |
---
### 4. Applications
* **Telecommunications:** Used in routers and switches.
* **Computing:** Ideal for cooling secondary processors or chipsets on motherboards.
* **Power Supplies:** Heat dissipation for voltage regulators.
- ⤷
What are the PCB hole diameter requirements for the push-pins?
- ⤷ Does this model support custom thermal interface materials?
- ⤷ How does the blue anodized finish affect the thermal emissivity?