ATS-21F-97-C2-R0
AI

The **ATS-21F-97-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **blueICE™** series and is designed for high-density electronic cooling applications.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of the part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-21F-97-C2-R0 |
| **Heat Sink Type** | Push-Pin (BGA) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **Dimensions (L x W)** | 25mm x 25mm |
| **Height** | 10.00mm |
| **Thermal Resistance** | 20.30°C/W @ (Natural Convection) |
| **Fin Configuration** | Straight Fin |
---
### 2. Electronic Application & Usage
This part is used to dissipate heat from integrated circuits (ICs) that generate significant thermal energy during operation.
* **Target Components:** High-speed microprocessors, BGA (Ball Grid Array) packages, FPGAs, and power transistors.
* **Mechanical Connection:** The "Push-Pin" mechanism ensures a secure attachment to the PCB (Printed Circuit Board) using pre-drilled holes, providing constant pressure on the electronic component for optimal thermal contact.
* **Thermal Interface Material (TIM):** It typically comes with a pre-applied thermal interface material (like T766) to reduce air gaps between the chip and the aluminum base.
---
### 3. Key Features
1. **Aluminum Construction:** Offers a high strength-to-weight ratio and excellent thermal conductivity.
2. **Blue Anodized Finish:** Increases surface emissivity and provides corrosion resistance.
3. **Cross-Cut/Straight Fin Design:** Optimized for airflow in both horizontal and vertical orientations, making it versatile for different chassis layouts.
4. **Reliability:** The push-pin attachment is more robust than adhesive tapes in high-vibration environments.
---
- ⤷What is the difference between the C1 and C2 versions of this heat sink?
- ⤷ What are the recommended PCB hole sizes for the push-pin attachment?
- ⤷ How do I calculate the thermal resistance required for my specific IC?