ATS-50190P-C1-R0
AI

The **ATS-50190P-C1-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is specifically designed for cooling electronic components, such as BGA (Ball Grid Array) packages, CPUs, or GPUs, where space is limited but thermal demands are high.
---
### 1. Technical Specifications
The following table outlines the key physical and thermal properties of the part:
| Parameter | Specification |
| :--- | :--- |
| **Part Number** | ATS-50190P-C1-R0 |
| **Material** | Aluminum (Black Anodized) |
| **Dimensions** | 19.0mm x 19.0mm x 17.5mm (L x W x H) |
| **Fin Style** | Straight Fin |
| **Attachment Method** | "maxiGRIP" (Plastic Clip and Spring) |
| **Thermal Resistance** | ~6.50 °C/W (at 200 LFM) |
| **Thermal Interface (TIM)** | Saint-Gobain C8000 (Pre-applied) |
---
### 2. Key Electronic Features
#### A. Thermal Management Strategy
This part is a **passive cooling** component. Its purpose is to increase the surface area of a semiconductor device to dissipate heat more efficiently into the surrounding air. In high-density electronic circuits, it prevents "thermal throttling" or hardware failure due to overheating.
#### B. The maxiGRIP Attachment System
Unlike many heat sinks that require adhesive tape or permanent epoxy, this part uses the **maxiGRIP** mounting system. This consists of:
* **Plastic Frame Clip:** Attaches around the perimeter of the component.
* **Stainless Steel Spring Clip:** Applies steady, even pressure across the center of the heat sink.
* **Reliability:** This mechanical attachment ensures the heat sink does not shift under vibration or high temperatures, which is critical for industrial or telecommunication electronics.
#### C. Thermal Interface Material (TIM)
The part comes with **Saint-Gobain C8000** phase-change material pre-applied to the base.
* **Function:** It fills the microscopic air gaps between the chip surface and the aluminum base.
* **Electronic Benefit:** Maximizes heat transfer efficiency, ensuring the junction temperature of the silicon remains within safe operating limits.
---
### 3. Application Use-Cases
* **Telecommunications:** Cooling ASICs in routers and switches.
* **Computing:** Secondary cooling for chipsets or small form-factor CPUs.
* **Industrial Power:** Managing heat for power converters or motor controllers.
- ⤷
What are the advantages of the maxiGRIP attachment over traditional thermal adhesive?
- ⤷ How does the 'Black Anodized' finish affect the thermal performance?
- ⤷ What is the specific thermal resistance of this part at different airflow rates (LFM)?