ATS-50210B-C1-R0
AI

The **ATS-50210B-C1-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "maxiFLOW™" series, designed specifically for cooling high-power electronic components like CPUs, GPUs, FPGAs, and ASICs.
### 1. Technical Specifications
The following table highlights the primary physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Dimensions (L x W x H)** | 21mm x 21mm x 10mm |
| **Material** | Anodized Aluminum |
| **Attachment Method** | maxiGRIP™ (Frame Clip) |
| **Thermal Resistance** | ~11.5 °C/W (Natural Convection) |
| **Fin Style** | Tapered / High-Performance |
---
### 2. Key Components & Design Features
#### A. The maxiFLOW™ Heat Sink Profile
The heat sink features a unique tapered fin design. Unlike standard rectangular fins, these are engineered to maximize surface area and increase air turbulence. This allows for significantly higher heat dissipation in constrained spaces.
#### B. The maxiGRIP™ Attachment System
The "C1" in the part number often refers to the specific attachment assembly. This system includes:
* **Plastic Frame Clip:** A high-strength clip that surrounds the electronic component.
* **Stainless Steel Spring Clip:** Applies steady, even pressure across the center of the heat sink to ensure optimal contact with the chip.
* **No Holes Required:** It eliminates the need to drill holes into the PCB, protecting the traces and saving board space.
#### C. Thermal Interface Material (TIM)
The "R0" suffix typically indicates that the part comes with a pre-applied high-performance thermal interface material (like Chomerics T766). This ensures that microscopic air gaps between the chip and the aluminum are filled, facilitating efficient heat transfer.
---
### 3. Application Use Cases
This specific part is used in high-density electronic environments where space is limited but thermal output is high:
1. **Telecommunications:** Networking switches and routers.
2. **Embedded Systems:** Industrial PC modules.
3. **Power Electronics:** Voltage regulators and high-speed converters.
4. **Automotive:** ADAS (Advanced Driver Assistance Systems) control units.
---
- ⤷How does the maxiGRIP attachment compare to traditional thermal adhesive tape?
- ⤷ What is the recommended airflow speed (LFM) for this heat sink?
- ⤷ Can this heat sink be used with non-standard chip sizes?