Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-50230P-C2-R0

  • AI
    The **ATS-50230P-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **maxiFLOW™** series, which is specifically designed to provide high thermal performance in environments with constrained airflow. --- ### 1. Technical Specifications Below are the primary physical and thermal characteristics of this component: | Parameter | Specification | | :--- | :--- | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Dimensions (L x W x H)** | 23.00mm x 23.00mm x 23.00mm | | **Attachment Method** | Push-Pin (2-Pin) | | **Thermal Resistance** | 2.50°C/W (at 200 LFM) | | **Spring Type** | Plastic / Brass | | **Base Style** | Square | --- ### 2. Key Electronic & Thermal Components #### A. The maxiFLOW™ Fin Geometry Unlike standard extruded heat sinks, the ATS-50230P uses a **flared fin structure**. This design increases the surface area for heat dissipation and decreases the pressure drop, allowing the component to cool sensitive electronic chips more effectively even at lower fan speeds. #### B. Push-Pin Attachment System The part number suffix typically refers to the attachment mechanism. This model uses a **push-pin and compression spring** system: * **Mechanical Stability:** It provides a consistent force (pressure) on the electronic component (CPU/FPGA/ASIC), ensuring a secure thermal interface. * **Reliability:** It is more robust than adhesive tapes in high-vibration or high-temperature environments. #### C. Thermal Interface Material (TIM) While the heat sink is the primary thermal mass, it is usually paired with a **Phase Change Material (PCM)** or high-conductivity grease on the base. This fills the microscopic air gaps between the heat sink and the electronic package to maximize heat transfer. --- ### 3. Common Applications This specific size (23mm cube) is commonly used to cool small to medium-sized Integrated Circuits (ICs) such as: 1. **Network Switches/Routers:** Cooling high-speed processors. 2. **Embedded Systems:** Industrial PCs and logic controllers. 3. **FPGA/ASIC:** Providing thermal management for logic gates generating localized heat. --- ### 4. Part Number Breakdown * **ATS:** Manufacturer (Advanced Thermal Solutions). * **50230:** Dimensions (roughly 23mm base). * **P:** Denotes the use of a Push-Pin attachment. * **C2:** Material/Fin configuration code. * **R0:** Revision or specific packaging code.
    ✨ Follow-up Questions
    • ⤷ What are the benefits of using a push-pin attachment over thermal adhesive tape?
    • ⤷ How does the 'flared fin' design improve airflow compared to straight fins?
    • ⤷ Is there a recommended thermal interface material to use with the ATS-50230 series?