ATS-50290P-C1-R0
AI

The **ATS-50290P-C1-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to their "maxiFLOW™" product line, specifically designed for cooling electronic components like processors, FPGAs, and ASICs.
---
### 1. Key Technical Specifications
Below are the primary mechanical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Anodized Blue) |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W)** | 40.00 mm x 40.00 mm |
| **Height** | 17.50 mm |
| **Thermal Resistance** | 2.60 °C/W (@ 200 LFM) |
| **Fin Style** | Tapered (maxiFLOW™) |
---
### 2. Functional Components
The design of the ATS-50290P-C1-R0 focuses on maximizing heat dissipation within confined spaces:
#### A. The Heat Sink Body
The "tapered fin" design is the core electronic cooling feature. Unlike standard straight-fin heat sinks, the maxiFLOW geometry reduces pressure drop and increases the surface area for convective cooling, making it ideal for high-velocity airflow environments.
#### B. pushPIN™ Attachment
This model utilizes a specialized mounting system:
* **Compression Springs:** Ensure even pressure across the electronic chip (TIM - Thermal Interface Material).
* **Nylon/Brass Pins:** Secure the heat sink to the PCB via pre-drilled holes, preventing mechanical shifts during vibration.
#### C. Thermal Interface Material (TIM)
The "R0" suffix usually indicates that the unit comes with a pre-applied high-performance thermal pad or phase-change material on the base, ensuring a low-resistance thermal path between the semiconductor and the aluminum.
---
### 3. Application Use Cases
This specific part is typically found in:
* **Networking Equipment:** Routers and switches where airflow is directed through a chassis.
* **Embedded Systems:** Industrial PCs where longevity depends on thermal management.
* **Power Supplies:** Cooling voltage regulators or power MOSFETs.
---
- ⤷
What is the significance of the 'maxiFLOW' design compared to standard straight fins?
- ⤷ How do I calculate the thermal resistance requirements for my specific chip?
- ⤷ Can this heat sink be used with different attachment methods besides pushPIN?