ATS-50300G-C2-R0
AI

The **ATS-50300G-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **maxiFLOW™** product line, specifically designed to provide high thermal performance in environments with constrained airflow.
---
### 1. Key Technical Specifications
The following table summarizes the primary electronic and mechanical properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Product Line** | maxiFLOW™ |
| **Attachment Method** | maxiGRIP™ (Spring-clip system) |
| **Material** | Aluminum (Black Anodized) |
| **Thermal Resistance** | 1.8 °C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 50mm x 50mm x 30mm |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Design and Component Breakdown
#### A. The maxiFLOW™ Geometry
Unlike standard extruded heat sinks, the ATS-50300G-C2-R0 features a tapered "flared" fin design. This geometry is engineered to:
* Increase surface area for heat dissipation.
* Reduce pressure drop across the heat sink.
* Maximize airflow intake from multiple directions.
#### B. The maxiGRIP™ Attachment System
This is a critical "electronic-safe" mounting mechanism consisting of two main parts:
1. **Plastic Frame Clip:** This snaps around the perimeter of the electronic component (FPGA, ASIC, etc.). It applies no lateral force to the chip, preventing damage to the solder balls (BGA).
2. **Stainless Steel "Steady Drive" Spring:** This applies a constant, uniform downward pressure to ensure optimal contact with the thermal interface material.
#### C. Thermal Interface Material (TIM)
The part comes with **T766** pre-applied. This is a phase-change material that fills microscopic air gaps between the component and the heat sink base, significantly reducing thermal impedance once the device reaches its operating temperature.
---
### 3. Typical Applications
This heat sink is designed for high-heat-density electronic components, including:
* **Processors/CPUs:** Low-power embedded processors.
* **FPGAs & ASICs:** Used in telecommunications and networking gear.
* **Video Processors:** In high-definition broadcasting equipment.
---
### 4. Thermal Performance Comparison
The efficiency of the ATS-50300G-C2-R0 is dependent on the Air Velocity (Measured in Linear Feet per Minute - LFM):
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 | 1.80 |
| 300 | 1.40 |
| 400 | 1.20 |
| 600 | 1.00 |
- ⤷
What are the advantages of the maxiGRIP attachment over traditional thermal adhesive?
- ⤷ Can the T766 thermal interface material be replaced if the heat sink is reinstalled?
- ⤷ How does the flared fin design compare to a straight fin heat sink in low-airflow conditions?