AI

The **ATS-50375P-C1-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "superGRIP" series, designed specifically for high-density electronic cooling applications such as BGA (Ball Grid Array) components.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of the part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Heat Sink Type** | maxiFLOW™ Cross-Cut |
| **Attachment Method** | superGRIP™ (Clip-on) |
| **Dimensions (L x W x H)** | 37.5mm x 37.5mm x 22.5mm |
| **Material** | Aluminum (Black Anodized) |
| **Thermal Resistance** | 1.9 °C/W @ 200 LFM |
| **Thermal Interface Material (TIM)** | Saint-Gobain C675 |
---
### 2. Key Design Components
#### A. maxiFLOW™ Fin Geometry
The fins are designed with a tapered, spread-fin geometry. This increases the surface area significantly compared to standard square-fin designs, which allows for better airflow through the sink and lower thermal resistance.
#### B. superGRIP™ Attachment
Instead of using messy adhesives or drilling holes into the PCB for screws, this part uses a **plastic frame clip** and a **stainless steel spring clip**:
* **The Frame:** Attaches to the base of the BGA component.
* **The Spring:** Snaps into the frame to apply steady downward pressure, ensuring optimal contact between the heat sink and the chip.
#### C. Thermal Interface Material (TIM)
The unit comes pre-applied with **Saint-Gobain C675** phase-change material. This ensures that the microscopic gaps between the chip surface and the heat sink base are filled, reducing the "contact resistance" that often hinders cooling.
---
### 3. Electronic Application Use-Cases
The ATS-50375P-C1-R0 is typically used in the following electronic environments:
* **Networking Equipment:** Switches, routers, and high-speed hubs.
* **Embedded Systems:** Industrial PC boards and IoT gateways.
* **Telecommunications:** Base stations and signal processing units.
* **Power Electronics:** Cooling for high-performance ASICs, FPGAs, and processors.
---
### 4. Installation Overview
The assembly process is non-intrusive to the PCB:
1. **Placement:** The plastic frame is placed around the BGA component.
2. **Seating:** The heat sink (with pre-applied TIM) is placed inside the frame.
3. **Securing:** The metal spring clip is snapped over the assembly, providing the necessary clamping force.
- ⤷
What are the advantages of superGRIP over standard adhesive thermal tape?
- ⤷ How does 'LFM' (Linear Feet per Minute) affect the thermal resistance of this part?
- ⤷ Can the TIM be replaced if the heat sink is uninstalled and moved to another chip?