AI

The **ATS-50400P-C1-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "push-pin" series designed specifically for cooling electronic components like CPUs, GPUs, and other high-heat integrated circuits.
---
## 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 15.00mm |
| **Attachment Method** | Push-Pin (Plastic) |
| **Thermal Resistance** | 3.20°C/W (at 200 LFM) |
| **Fin Style** | Straight Fin |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
## 2. Key Components & Design Features
### A. Fin Geometry (Straight Fin)
The device utilizes a **straight-fin design**, which is optimized for **forced convection** (airflow provided by a fan). The spacing between the fins is engineered to provide a low pressure drop while maximizing the surface area for heat dissipation.
### B. Attachment Mechanism (Push-Pin)
Instead of adhesive tapes or heavy screws, this model uses a **spring-loaded push-pin system**:
* **Plastic Push-Pins:** These provide a secure, vibration-resistant attachment to the PCB.
* **Springs:** The springs ensure consistent downward pressure on the electronic component, which is critical for minimizing thermal contact resistance.
### C. Thermal Interface Material (TIM)
The "R0" suffix indicates that the heat sink comes with **T766** pre-applied. This is a phase-change material that fills microscopic air gaps between the heat sink base and the chip surface to improve heat transfer.
---
## 3. Typical Applications
This specific heat sink is commonly found in the following electronic environments:
* **Networking Hardware:** Routers, switches, and bridges.
* **Embedded Systems:** Industrial PCs and automation controllers.
* **Power Supplies:** Cooling MOSFETs and voltage regulators.
---
## 4. Engineering Comparison: Airflow vs. Thermal Resistance
As airflow increases, the efficiency of the ATS-50400P-C1-R0 improves significantly:
```python
# Approximate Thermal Resistance (TR) values at different Airflow (LFM)
performance_data = {
"Airflow_LFM": [200, 300, 400, 500, 600],
"TR_Celsius_per_Watt": [3.20, 2.50, 2.10, 1.90, 1.70]
}
```
- ⤷What is the hole-to-hole spacing required on the PCB for this heat sink?
- ⤷ Can the push-pins be replaced with metal hardware for high-vibration environments?
- ⤷ How does the T766 thermal material compare to standard thermal grease?