ATS-50425G-C2-R0
AI

The **ATS-50425G-C2-R0** is a high-performance thermal management component, specifically a **heat sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) such as CPUs, GPUs, or FPGAs.
Below is a breakdown of its technical specifications and features.
---
### 1. Technical Specifications
| Property | Specification |
| :--- | :--- |
| **Part Number** | ATS-50425G-C2-R0 |
| **Component Type** | Heat Sink |
| **Material** | Aluminum |
| **Fin Style** | Cross-Cut (Pin Fin) |
| **Attachment Method** | maxiGRIP™ (Frame Clip) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
| **Finish** | Blue Anodized |
---
### 2. Physical Dimensions
| Dimension | Value |
| :--- | :--- |
| **Length/Width** | 42.50 mm x 42.50 mm |
| **Height** | 12.50 mm |
| **Surface Area** | Optimized for high airflow |
---
### 3. Key Electronic/Thermal Features
#### A. maxiGRIP™ Attachment
The "G" in the part number refers to the **maxiGRIP™** attachment mechanism. This is a high-reliability mechanical fastening system that uses a plastic frame clip and a stainless steel "spring clip."
* **Electronic Benefit:** It provides steady, even pressure across the electronic component without requiring holes in the Printed Circuit Board (PCB).
#### B. Cross-Cut Fin Design
Unlike straight-fin heat sinks, the cross-cut (or pin-fin) geometry allows for:
* **Omnidirectional Airflow:** It can receive cooling air from any direction, making it ideal for densely packed electronic enclosures.
* **Reduced Pressure Drop:** Enhances the efficiency of the cooling fans within the system.
#### C. Thermal Interface Material (T766)
The unit comes with **T766** pre-applied to the base.
* **Function:** This material fills the microscopic air gaps between the heat sink and the electronic chip, significantly lowering thermal resistance and preventing the chip from overheating/throttling.
#### D. Blue Anodized Finish
The blue anodization is not just for aesthetics; it provides **corrosion resistance** and increased **surface emissivity**, which slightly improves radiative heat transfer.
---
### 4. Applications
This part is typically used for cooling:
* **BGA (Ball Grid Array)** components.
* High-speed networking processors.
* Video processing units.
* Industrial power supplies where vertical space is limited (12.5mm height).
- ⤷
What is the thermal resistance (C/W) of this heat sink at specific airflow rates?
- ⤷ How does the maxiGRIP attachment compare to push-pin or adhesive mounting?
- ⤷ Is this heat sink compatible with specific BGA package sizes other than 42.5mm?