ATS-51170R-C1-R0_17
AI

The **ATS-51170R-C1-R0** is a high-performance thermal management component, specifically a **Heat Sink** designed for cooling electronic components such as CPUs, GPUs, FPGAs, or power modules. It is manufactured by Advanced Thermal Solutions (ATS).
Below is a breakdown of its technical specifications and features.
---
### 1. Technical Specifications
This component belongs to the **maxiFLOW™** series, which utilizes a unique flared fin design to maximize airflow and thermal dissipation.
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-51170R-C1-R0 |
| **Dimensions (L x W x H)** | 17.0mm x 17.0mm x 24.5mm |
| **Material** | Aluminum (Black Anodized) |
| **Thermal Resistance** | 5.50 °C/W (at 200 LFM) |
| **Attachment Method** | maxiGRIP™ (Frame Clip) |
| **Interface Material** | T766 (Thermal Tape/Paste) |
---
### 2. Key Design Features
#### A. maxiFLOW™ Fin Geometry
The fins are not parallel; they are flared outwards. This design reduces pressure drop and enhances natural or forced convection by providing a larger surface area for heat exchange without significantly increasing the footprint.
#### B. maxiGRIP™ Attachment System
Instead of using permanent adhesives or drilling holes into the PCB, this part uses a **plastic frame clip** and a **stainless steel spring clip**.
* **Benefits:** Allows for easy assembly and removal without damaging the board. It provides steady even pressure across the component (TIM) for optimal heat transfer.
#### C. Material and Coating
* **Aluminum 6063:** Chosen for its high thermal conductivity and lightweight properties.
* **Black Anodized Finish:** Improves radiation heat transfer and provides corrosion resistance.
---
### 3. Application Use Cases
This specific size (17mm x 17mm) is ideal for small, high-heat-density components:
* **Networking:** Small routers, switches, and SFP modules.
* **Embedded Systems:** Industrial PC processors and SOCs.
* **Power Electronics:** High-speed voltage regulators or MOSFET arrays.
---
### 4. Thermal Performance Comparison
The effectiveness of the heat sink depends on the Air Velocity (LFM - Linear Feet per Minute).
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 LFM | 5.50 |
| 300 LFM | 4.40 |
| 400 LFM | 3.80 |
| 600 LFM | 3.20 |
---
- ⤷
What is the specific difference between the C1 and C2 versions of this part number?
- ⤷ Can the maxiGRIP attachment be reused on a different PCB after removal?
- ⤷ How do I calculate if 5.50 °C/W is sufficient for my specific processor's TDP?