ATS-51270R-C2-R0
AI

The **ATS-51270R-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is specifically designed for component cooling in electronic applications where space is limited and high thermal conductivity is required.
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum (Black Anodized) |
| **Attachment Method** | superGRIP™ (Clip-on) |
| **Dimensions (L x W)** | 27.00mm x 27.00mm |
| **Height** | 24.50mm |
| **Thermal Resistance** | 2.10°C/W (at 200 LFM) |
| **Flow Pattern** | Straight Fin |
---
### 2. Core Features and Technologies
#### A. maxiFLOW™ Design
The "maxiFLOW" geometry features a flared fin structure. This design increases the surface area for heat dissipation while maximizing airflow through the fin field, making it highly efficient in forced-convection environments.
#### B. superGRIP™ Attachment
One of the standout features of this part is the **superGRIP™** assembly. It consists of a plastic frame clip and a stainless steel spring clip.
* **No Holes Required:** It attaches directly to the component without needing holes in the PCB.
* **High Tension:** Provides strong, even pressure to ensure the Thermal Interface Material (TIM) performs optimally.
* **Reliability:** It is designed to meet stringent shock and vibration requirements (standard for telecommunications and aerospace).
#### C. Material and Coating
* **Aluminum:** Provides a lightweight solution with high thermal conductivity.
* **Black Anodized Finish:** Enhances radiant heat transfer and provides a protective layer against environmental corrosion.
---
### 3. Common Applications
This heat sink is typically used for cooling integrated circuits (ICs) that generate significant heat in a small footprint:
* **Processors/CPUs:** Small form-factor embedded processors.
* **FPGAs & ASICs:** High-speed programmable logic devices.
* **Network Hardware:** Switches, routers, and optical modules.
* **Power Supplies:** High-density DC-DC converters.
---
### 4. Installation Overview
The assembly usually involves a three-step process:
1. **Frame Clip:** A plastic frame is snapped onto the base of the electronic component.
2. **Thermal Interface:** A thermal pad or grease (TIM) is applied to the chip.
3. **Heat Sink & Spring:** The heat sink is placed onto the chip, and a metal "U-clip" is snapped into the frame to lock the assembly in place.
- ⤷
What are the compatible Thermal Interface Materials (TIM) for this heat sink?
- ⤷ How does the flared fin design compare to standard straight fin heat sinks?
- ⤷ Is this heat sink suitable for passive (fanless) cooling applications?