ATS-51290R-C1-R0
AI

The **ATS-51290R-C1-R0** is a high-performance thermal management component, specifically an **Advanced Thermal Solutions (ATS) Heat Sink** designed for cooling electronic components such as BGA (Ball Grid Array) packages, CPUs, or GPUs.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Heat Sink Type** | maxiFLOW™ |
| **Attachment Method** | maxiGRIP™ (Plastic Clip & Spring) |
| **Material** | Aluminum (Black Anodized) |
| **Dimensions (L x W x H)** | 29mm x 29mm x 24.5mm |
| **Thermal Resistance** | 2.50° C/W (at 200 LFM) |
| **Base Shape** | Square |
---
### 2. Key Electronic & Mechanical Features
#### A. maxiFLOW™ Fin Geometry
The "maxiFLOW" design features a flared fin structure. Unlike traditional straight-fin heat sinks, the flared fins increase the surface area and improve airflow intake, which is critical for cooling high-heat-density electronic components in cramped PCB environments.
#### B. maxiGRIP™ Attachment System
This is one of the most critical "parts" of the assembly:
* **Plastic Frame Clip:** This snaps around the electronic component (BGA).
* **Steady Pressure:** It uses a high-tension "gold" spring clip to apply uniform pressure across the interface, ensuring maximum contact with the thermal interface material (TIM).
* **Non-Invasive:** It does not require holes in the PCB, protecting delicate traces near the processor.
#### C. Thermal Interface Material (TIM)
The unit typically comes with a pre-applied high-performance thermal pad or phase-change material on the base. This fills the microscopic air gaps between the electronic chip and the aluminum heat sink to facilitate efficient heat transfer.
---
### 3. Applications
This part is commonly found in the following electronic systems:
* **Telecommunications:** Network switches and routers.
* **Embedded Systems:** Industrial PC boards.
* **Optical Modules:** Cooling for high-speed data transceivers.
- ⤷
What is the difference between the maxiGRIP and superGrip attachment methods?
- ⤷ Does this heat sink come with pre-applied thermal interface material?
- ⤷ What are the recommended airflow conditions (LFM) for optimal cooling with this model?