ATS-52210B-C1-R0
AI

## Technical Overview of ATS-52210B-C1-R0
The **ATS-52210B-C1-R0** is a high-performance **Heat Sink** assembly designed by Advanced Thermal Solutions (ATS). While it is not a powered electronic component (like an IC or transistor), it is a critical mechanical-electronic part used for thermal management in high-density electronic systems.
---
### 1. Key Technical Specifications
The following table outlines the physical and thermal characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Dimension (L x W x H)** | 52.00mm x 52.00mm x 10.00mm |
| **Material** | Aluminum (Black Anodized) |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance** | 2.50 °C/W (at 200 LFM) |
| **Fin Style** | Tapered / Straight Fin |
---
### 2. Design and Engineering Features
* **maxiFLOW™ Geometry:** The heat sink features a unique "flared" fin design. This increases the surface area for heat dissipation while maximizing airflow through the fin field, which is essential for cooling high-power components in constrained spaces.
* **pushPIN™ Attachment:** Instead of messy adhesives or thermal tape, this part uses a mechanical push-pin system. This ensures consistent pressure (interface load) between the heat sink and the electronic component, optimizing heat transfer.
* **Pre-Applied Thermal Interface Material (TIM):** This specific model typically comes with a high-performance thermal pad or grease pre-applied to the base, simplifying the assembly process in a manufacturing environment.
---
### 3. Electronic Applications
This part is commonly found protecting sensitive electronic components that generate significant heat during operation, such as:
1. **ASICs & FPGAs:** Used in networking hardware and data centers.
2. **Processors (CPUs/GPUs):** Embedded systems requiring low-profile cooling.
3. **Power Supplies:** Cooling MOSFETs or power conversion modules.
---
### 4. Thermal Performance Data
*Measured in Degrees Celsius per Watt (°C/W)*
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 LFM | 2.50 |
| 300 LFM | 1.80 |
| 400 LFM | 1.50 |
| 500 LFM | 1.30 |
---
- ⤷
What are the specific hole patterns required for the pushPIN™ mounting system?
- ⤷ How does the 'C1' suffix in the part number affect the material or coating?
- ⤷ Is this heat sink compatible with standard BGA components?