ATS-52400B-C2-R0
AI

The **ATS-52400B-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "maxiFLOW™" product line, designed specifically for high-density cooling requirements in electronic systems.
---
### 1. Technical Specifications
The following table highlights the core mechanical and thermal properties of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Anodized Blue) |
| **Thermal Resistance** | 0.90 °C/W @ 200 LFM |
| **Dimensions (L x W x H)** | 52.00mm x 52.00mm x 40.00mm |
| **Attachment Method** | maxiGRIP™ (Frame Clip) |
| **Interface Material** | T766 (Thermal Tape/Phase Change) |
| **Fin Style** | Tapered (maxiFLOW™) |
---
### 2. Key Electronic & Mechanical Design Features
#### A. maxiFLOW™ Fin Geometry
The "B" in the part number refers to the specific tapered fin design. Unlike standard straight-fin heat sinks, these fins flare outward. This design:
* Reduces pressure drop.
* Increases the surface area for heat dissipation.
* Maximizes airflow through the heat sink in constrained spaces.
#### B. maxiGRIP™ Attachment System
This part utilizes a unique mechanical attachment system rather than permanent adhesive or drill holes:
* **Plastic Frame Clip:** A frame snaps around the electronic component (usually a BGA or FPGA).
* **Stainless Steel Spring Clip:** A "steady-spring" applies consistent pressure across the interface, ensuring maximum thermal transfer without damaging the chip.
* **Reusability:** This allows for the heat sink to be removed and reattached during maintenance or rework.
#### C. Thermal Interface Material (TIM)
The unit comes pre-assembled with **T766**. This is a high-performance thermal pad that fills microscopic air gaps between the component die and the heat sink base, significantly lowering the contact resistance.
---
### 3. Common Applications
Due to its size (52mm) and high thermal efficiency, the ATS-52400B-C2-R0 is typically found in:
* **Telecommunications:** Network switches and high-speed routers.
* **Processors:** Cooling Large Pin Grid Arrays (PGAs) and Ball Grid Arrays (BGAs).
* **Industrial Computing:** Embedded systems where active fan cooling is limited, and passive or forced-air heat sinks must be highly efficient.
---
- ⤷
What are the advantages of the maxiGRIP attachment over traditional thermal epoxy?
- ⤷ How does the pressure drop of the maxiFLOW design compare to standard straight-fin heat sinks?
- ⤷ Can the T766 thermal interface material be replaced with standard thermal paste?