ATS-53170R-C1-R0
AI

The **ATS-53170R-C1-R0** is a high-performance heat sink component manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "maxiFLOW™" series, designed primarily for cooling high-power electronic components like CPUs, GPUs, and FPGAs.
---
### 1. Technical Specifications
The following table summarizes the key physical and thermal properties of this specific part number:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Black Anodized) |
| **Dimensions (L x W x H)** | 37.00mm x 37.00mm x 14.50mm |
| **Thermal Resistance** | 3.50 °C/W (at 200 LFM) |
| **Attachment Method** | maxiGRIP™ (Frame Clip) |
| **Compliance** | RoHS Compliant |
| **Fin Style** | Straight Fin |
---
### 2. Key Design Components
The "Electronic" nature of this part refers to its integration into PCB assemblies. It consists of three primary elements:
#### A. The maxiFLOW™ Heat Sink
The geometry features a tapered fin design. This increases the surface area while decreasing air resistance, allowing for maximum heat dissipation in high-velocity airflow environments.
#### B. The maxiGRIP™ Attachment
Instead of using messy thermal epoxies or permanent pins, this part uses a **plastic frame clip**.
* **Plastic Frame:** Fits around the electronic component on the PCB.
* **Stainless Steel Spring Clip:** Applies steady, even pressure across the surface of the chip.
* **Benefit:** This allows for easy removal or replacement without damaging the PCB or the component.
#### C. Thermal Interface Material (TIM)
The base of the ATS-53170R-C1-R0 typically comes pre-applied with a high-performance **Phase Change Material (PCM)**. This ensures that the microscopic gaps between the chip and the heat sink are filled, minimizing thermal resistance.
---
### 3. Typical Applications
This heat sink is specifically sized for components with a footprint of roughly 37mm x 37mm. Typical use cases include:
* **Telecommunications Equipment:** High-speed routers and switches.
* **Embedded Systems:** Industrial motherboards.
* **Power Supplies:** Cooling voltage regulators or power modules.
- ⤷
What is the difference between maxiGRIP and push-pin attachment methods?
- ⤷ How do I calculate the thermal resistance needed for my specific chip?
- ⤷ Does this heat sink come with pre-applied thermal paste?