Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-53210P-C1-R0

  • AI
    The **ATS-53210P-C1-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "maxiFLOW™" series, designed specifically for cooling electronic components like processors, FPGAs, and ASICs in high-airflow environments. --- ### 1. Technical Specifications The following table outlines the key physical and thermal properties of the component: | Feature | Specification | | :--- | :--- | | **Component Type** | Heat Sink | | **Series** | maxiFLOW™ | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Dimensions (L x W x H)** | 32.2mm x 32.2mm x 17.5mm | | **Material** | Aluminum (Black Anodized) | | **Thermal Resistance** | 3.30 °C/W (at 200 LFM) | | **Thermal Interface Material (TIM)** | T766 (High Performance) | --- ### 2. Key Electronic & Mechanical Features #### A. Pin Fin Design (maxiFLOW™) The "P" in the part number signifies a high-performance fin geometry. Unlike standard extruded heat sinks, the maxiFLOW design features a spread fin pattern that increases the surface area and reduces pressure drop, allowing air to circulate more effectively around the electronic package. #### B. pushPIN™ Attachment Mechanism The **-C1-R0** suffix refers to the attachment style. * **pushPIN™:** This uses a plastic or brass pin with a stainless steel spring to provide precise pressure on the electronic component. * **Reliability:** This ensures consistent contact between the heat sink base and the chip, preventing "thermal gap" issues caused by vibration or thermal expansion. #### C. Thermal Interface Material (TIM) The unit comes pre-applied with **T766**. In electronics, the TIM is critical because it fills microscopic air gaps between the heat sink and the component, significantly lowering the thermal resistance of the assembly. --- ### 3. Applications in Electronics This specific part is typically used for: 1. **Networking Hardware:** Routers, switches, and base stations. 2. **Embedded Systems:** Industrial PCs and automation controllers. 3. **Power Electronics:** Cooling MOSFETs or power modules in a compact footprint. ---
    ✨ Follow-up Questions
    • ⤷ What are the different thermal resistance values at higher airflow speeds (e.g.
    • ⤷ 400 or 600 LFM)?
    • ⤷ How does the pushPIN mounting system compare to adhesive thermal tapes?
    • ⤷ Is the T766 thermal interface material electrically conductive?