ATS-53210R-C1-R0
AI

The **ATS-53210R-C1-R0** is a high-performance heat sink manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **maxiFLOW™** series, which is specifically designed to provide high thermal performance in environments with constrained airflow.
---
### 1. Technical Specifications
The following table highlights the core physical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-53210R-C1-R0 |
| **Dimensions (L x W x H)** | 21.00mm x 21.00mm x 19.50mm |
| **Material** | Aluminum (Black Anodized) |
| **Attachment Method** | maxiGRIP™ (Frame Clip) |
| **Thermal Resistance** | 5.30°C/W (at 200 LFM) |
| **Fin Style** | Tapered Fin (maxiFLOW™) |
---
### 2. Key Electronic & Mechanical Features
#### A. maxiFLOW™ Design
The heat sink features a unique **tapered fin design**. This geometry is engineered to:
* Maximize the surface area for heat dissipation.
* Reduce pressure drop across the heat sink.
* Optimize airflow intake, making it more efficient than standard cross-cut heat sinks.
#### B. maxiGRIP™ Attachment System
One of the most critical aspects of this part is the **maxiGRIP™** mounting mechanism.
* **Frame Clip:** It uses a plastic frame clip that snaps onto the electronic component (usually a BGA package).
* **Stainless Steel Spring:** A "steady spring" applies constant pressure, ensuring a secure thermal interface without requiring holes in the PCB.
* **Reliability:** This system is vibration-resistant and allows for easy removal and re-attachment during maintenance.
#### C. Thermal Interface Material (TIM)
The "C1" in the part number typically indicates that the heat sink comes pre-applied with a high-performance thermal interface material (like **Chomerics T766**), ensuring low thermal resistance between the chip and the aluminum base.
---
### 3. Common Applications
This heat sink is used for cooling high-heat-generating components in space-constrained electronic assemblies:
1. **BGA (Ball Grid Array) Cooling:** CPUs, GPUs, and FPGAs.
2. **Telecommunications:** Networking switches and routers.
3. **Industrial Controls:** High-speed data processing units.
4. **Embedded Systems:** Medical and aerospace computing modules.
- ⤷
How does the maxiGRIP attachment system compare to traditional adhesive tapes?
- ⤷ What are the specific airflow requirements to achieve optimal cooling with this part?
- ⤷ Can this heat sink be customized for different height constraints?