ATS-53230K-C2-R0
AI

The **ATS-53230K-C2-R0** is a high-performance thermal management component manufactured by **Advanced Thermal Solutions (ATS)**. Specifically, it is a high-aspect-ratio heat sink designed for cooling electronic components such as CPUs, GPUs, or high-power FPGAs.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of the part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Heat Sink Type** | maxiFLOW™ (High Aspect Ratio) |
| **Material** | Aluminum (Black Anodized) |
| **Attachment Method** | maxiGRIP™ (Frame Clip) |
| **Dimensions (L x W x H)** | 23.00mm x 23.00mm x 29.00mm |
| **Thermal Resistance** | 2.90°C/W (at 200 LFM) |
| **Pressure Drop** | 0.23 (in. H2O) |
---
### 2. Key Design Features
#### A. maxiFLOW™ Fin Geometry
The "K" series features a unique fin pattern designed to maximize surface area and increase turbulence. This allows for superior heat dissipation in forced convection (fan-cooled) environments compared to standard straight-fin heat sinks.
#### B. maxiGRIP™ Attachment System
This part utilizes a specialized mechanical attachment system:
* **Frame Clip:** A plastic frame attaches to the PCB around the component.
* **Steady Pressure:** A stainless steel "X-clip" applies constant pressure to the center of the heat sink, ensuring optimal contact with the thermal interface material (TIM).
* **No Holes Required:** It does not require holes in the PCB, saving board real estate.
#### C. Material and Coating
* **Aluminum 6063:** Provides a good balance of thermal conductivity and weight.
* **Black Anodized Finish:** Enhances radiative heat transfer and protects the aluminum from corrosion.
---
### 3. Application Use Cases
The ATS-53230K-C2-R0 is typically used in space-constrained electronic assemblies:
* **Networking Equipment:** Routers, switches, and base stations.
* **Embedded Systems:** Industrial PCs and automation controllers.
* **Power Supplies:** High-density DC-DC converters.
---
### 4. Mounting Assembly Example
To integrate this part, the assembly sequence usually follows this logic:
```text
1. Place Thermal Interface Material (TIM/Pad) on the chip.
2. Install the maxiGRIP™ Plastic Frame around the chip.
3. Place the ATS-53230K heat sink into the frame.
4. Snap the metal X-Clip over the heat sink into the frame tabs.
```
- ⤷
What is the difference between the C1 and C2 versions of this heat sink?
- ⤷ Can this heat sink be used with a standard thermal adhesive instead of the maxiGRIP system?
- ⤷ What is the recommended airflow direction for the maxiFLOW fin design?