Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-53230P-C1-R0

  • AI
    The **ATS-53230P-C1-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to their **maxiFLOW™** series, which is specifically designed to provide low thermal resistance and maximized surface area for cooling electronic components. --- ### 1. Technical Specifications The following table summarizes the core physical and thermal properties of this component: | Feature | Specification | | :--- | :--- | | **Material** | Aluminum (Blue Anodized) | | **Dimensions (L x W x H)** | 23mm x 23mm x 17.5mm | | **Thermal Resistance** | 5.30 °C/W (at 200 LFM) | | **Attachment Method** | pushPIN™ (Spring-loaded) | | **Airflow Pattern** | Straight Fin | | **Compliance** | RoHS Compliant | --- ### 2. Key Components and Design Features #### A. maxiFLOW™ Design The heat sink features a unique "flared" fin geometry. Unlike traditional square heat sinks, the fins expand outward. This design: * Reduces pressure drop. * Increases the effective surface area for heat dissipation. * Maximizes air intake from variable directions. #### B. pushPIN™ Attachment Instead of using messy thermal adhesives or tapes, the **C1-R0** variant utilizes a specialized push-pin mechanism: * **Compression Springs:** These ensure consistent pressure across the interface for optimal heat transfer. * **Secure Mounting:** The pins lock into pre-drilled holes on the PCB, making it resistant to shock and vibration. #### C. Thermal Interface Material (TIM) The part typically comes with **pre-applied thermal interface material**. This ensures that the microscopic gaps between the electronic component (like a BGA chip) and the aluminum base are filled, minimizing thermal impedance. --- ### 3. Common Applications This specific size and thermal profile are commonly used for cooling: 1. **BGA (Ball Grid Array) Components:** Such as FPGAs, processors, and ASICs. 2. **Telecommunications Equipment:** High-speed routers and switches. 3. **Industrial PCs:** Compact systems where vertical space is restricted but high cooling efficiency is required. --- ### 4. Part Number Breakdown * **ATS:** Manufacturer (Advanced Thermal Solutions). * **53230:** Specific series and dimension code. * **P:** Denotes "pushPIN™" attachment style. * **C1:** Refers to the Blue Anodized finish. * **R0:** Revision or packaging code.
    ✨ Follow-up Questions
    • ⤷ How do I calculate the required LFM (Linear Feet per Minute) for this heat sink in my specific application?
    • ⤷ What is the difference between the 'C1' blue anodized finish and other available coatings?
    • ⤷ Are there 3D CAD models available for integrating this part into a PCB layout?