ATS-53230R-C2-R0
AI

The **ATS-53230R-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **maxiFLOW™** family, designed specifically for cooling electronic components like CPUs, GPUs, FPGAs, and ASICs.
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Black Anodized) |
| **Dimensions** | 23mm x 23mm x 22.5mm |
| **Attachment Type** | maxiGRIP™ (Frame Clip) |
| **Thermal Resistance** | 5.20 °C/W (Unducted Flow @ 200 LFM) |
| **Thermal Interface Material** | Chomerics T766 (Pre-applied) |
| **Fin Style** | Tapered (maxiFLOW™ design) |
---
### 2. Key Electronic Features
#### A. maxiFLOW™ Fin Geometry
The "tapered" fin design is engineered to maximize surface area for heat dissipation while minimizing pressure drop. In electronic systems with high-density PCB layouts, this allows for better airflow through the heat sink even when fans are operating at lower speeds.
#### B. maxiGRIP™ Attachment System
Unlike permanent adhesives or heat-stressing solder pins, the ATS-53230R-C2-R0 uses a mechanical clip system:
1. **Plastic Frame Clip:** Replaces the need for holes in the PCB.
2. **Steady Pressure:** Provides consistent downward force to ensure the Thermal Interface Material (TIM) fills microscopic gaps between the chip and the heat sink.
3. **Reworkable:** Allows the heat sink to be removed and re-installed without damaging the electronic component.
#### C. Thermal Interface Material (TIM)
It comes pre-applied with **Chomerics T766**. This is a high-performance phase-change material that reduces the thermal contact resistance between the electronic package (the silicon die or lid) and the aluminum sink.
---
### 3. Application Use Cases
This specific part is typically found in:
* **Networking Equipment:** Routers and switches where air flow is strictly controlled.
* **Embedded Systems:** Industrial PCs requiring passive or semi-passive cooling.
* **Power Electronics:** Cooling MOSFETs or power modules in small form-factor enclosures.
- ⤷
What is the difference between the maxiGRIP and push-pin mounting systems?
- ⤷ Can the Chomerics T766 interface material be replaced with standard thermal paste?
- ⤷ What is the weight of this heat sink for PCB mechanical stress calculations?