ATS-53290P-C1-R0
AI

The **ATS-53290P-C1-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "maxiFLOW™" series, designed specifically for cooling electronic components like processors, FPGAs, and ASICs in tight-space environments.
### 1. Technical Specifications
The following table summarizes the core physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum (with Blue Anodized Finish) |
| **Dimensions** | 29.00mm x 29.00mm |
| **Height** | 17.50mm |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 3.50°C/W (at 200 LFM) |
| **Interface Material** | T766 (Thermal Tape) |
---
### 2. Key Components & Design Features
#### A. Fin Geometry (maxiFLOW™)
Unlike standard straight-fin heat sinks, the maxiFLOW™ design features a **tapered fin structure**. This design:
* Reduces pressure drop across the heat sink.
* Increases the surface area for heat dissipation.
* Maximizes airflow through the fin field, which is critical for high-density PCB layouts.
#### B. pushPIN™ Attachment
This model uses a **pushPIN™** mounting system. This is superior to simple adhesive because:
* It provides consistent pressure (preload) for better thermal contact.
* The assembly includes a brass or plastic pin and a stainless steel spring.
* The pins fit into pre-drilled holes (usually 3.00mm) on the PCB.
#### C. Thermal Interface Material (TIM)
The part comes pre-applied with **T766 thermal tape**. This ensures:
* Immediate out-of-the-box installation.
* A reliable thermal bridge between the electronic component (IC) and the aluminum base.
---
### 3. Usage Context
This heat sink is typically used for cooling mid-sized electronic packages. Common applications include:
1. **Networking Hardware:** Switches and routers where airflow is directional.
2. **Industrial PCs:** Where vibration resistance is needed (provided by the pushPIN™).
3. **Power Electronics:** Cooling MOSFET modules or small motor drivers.
---
- ⤷
What are the specific PCB hole requirements for the pushPIN mounting system?
- ⤷ How does the T766 thermal tape compare to thermal grease in terms of performance?
- ⤷ Are there taller versions of this heat sink for better thermal dissipation?