AI

The **ATS-53330D-C1-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "maxiFLOW™" series, designed specifically for cooling electronic components like processors, FPGAs, and ASICs in high-airflow environments.
---
### 1. Technical Specifications
The following table summarizes the primary physical and thermal characteristics of the device:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-53330D-C1-R0 |
| **Attachment Method** | pushPIN™ |
| **Material** | Aluminum (Body), Copper (Optional Base) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 33.00mm x 33.00mm x 9.50mm |
| **Thermal Resistance** | 8.00°C/W (at 200 LFM) |
| **Flow Direction** | Directional / maxiFLOW™ |
---
### 2. Key Electronic & Mechanical Components
#### A. The Heat Sink Body (maxiFLOW™ Design)
The heat sink features a unique **tapered fin design** (maxiFLOW™). Unlike standard straight-fin heat sinks, this geometry:
* Maximizes surface area for heat dissipation.
* Reduces pressure drop, allowing air to move more freely through the fins.
* Is optimized for **forced air cooling** (fans or server chassis airflow).
#### B. The pushPIN™ Attachment System
This part uses a specific mechanical interface to connect to the Printed Circuit Board (PCB):
* **Spring-loaded Pins:** It utilizes a pushPIN™ system with a flexible spring to provide consistent pressure (Pre-assembled).
* **Reliability:** This ensures the thermal interface material (TIM) is compressed evenly, preventing air gaps between the chip and the metal.
#### C. Thermal Interface Material (TIM)
The "C1" in the part number usually indicates the type of thermal material pre-applied to the base:
* **Phase Change Material (PCM) or Thermal Tape:** It comes with a high-performance thermal interface to ensure low thermal resistance between the electronic component and the aluminum base.
---
### 3. Applications
This specific size (33mm) is commonly used for cooling the following electronic parts:
1. **Network Processors:** High-speed data chips in routers and switches.
2. **FPGAs/CPLDs:** Programmable logic devices that generate significant heat during operation.
3. **Video Memory:** High-bandwidth memory modules on industrial controller boards.
---
### 4. Code Representation (Thermal Modeling Context)
If you were to define this part in a thermal simulation script (like Python), it might look like this:
```python
ats_heatsink = {
"model": "ATS-53330D-C1-R0",
"dimensions_mm": [33.0, 33.0, 9.5],
"material": "Aluminum",
"attachment": "pushPIN",
"thermal_resistance_lfm": {
"200": 8.0,
"400": 4.5,
"600": 3.8
}
}
```
- ⤷
What are the advantages of pushPIN attachment over thermal adhesive?
- ⤷ How does the 'maxiFLOW' fin design improve thermal performance compared to straight fins?
- ⤷ Is this heat sink compatible with standard BGA chip sizes?