ATS-53330G-C1-R0
AI

The **ATS-53330G-C1-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to their "maxiFLOW™" product line, specifically designed for high-density electronic cooling applications.
---
## 1. Technical Specifications
The following table outlines the physical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Black Anodized) |
| **Dimensions (L x W x H)** | 33.00mm x 33.00mm x 19.00mm |
| **Attachment Method** | maxiGRIP™ (Steady spring clip) |
| **Thermal Resistance** | 2.50 °C/W (at 200 LFM) |
| **Airflow Direction** | Directional (High-performance fins) |
| **Compliance** | RoHS Compliant |
---
## 2. Key Electronic Parts & Components
### A. The Heat Sink Body (Fins & Base)
The core component is an aluminum extrusion featuring the **maxiFLOW™** fin geometry. Unlike standard straight-fin heat sinks, these fins are flared. This design:
* Reduces pressure drop.
* Increases the surface area for convective heat transfer.
* Prevents air stagnation in high-density PCB layouts.
### B. The maxiGRIP™ Attachment System
This is a two-part mechanical assembly used to secure the heat sink to the electronic component (usually a BGA or FPGA):
1. **Plastic Frame Clip:** A frame that snaps around the perimeter of the electronic component.
2. **Steady-Spring Clip:** A stainless steel "M-shaped" spring that applies constant, even pressure across the interface, ensuring the thermal interface material (TIM) performs optimally.
### C. Thermal Interface Material (TIM)
Usually, these units come pre-applied with a high-performance **Phase Change Material (PCM)** or a thermal pad on the base. This fills the microscopic air gaps between the semiconductor die and the aluminum base to improve heat conduction.
---
## 3. Application Use Cases
This specific part is typically used for cooling the following electronic devices:
* **BGA (Ball Grid Array) Packages:** Processors, chipsets, and memory controllers.
* **FPGAs & ASICs:** High-speed logic devices that generate significant localized heat.
* **Telecommunications Equipment:** Found in routers and switches where airflow is often restricted.
---
## 4. Installation Diagram Concept
The mechanical assembly follows this hierarchy:
```text
[ Steady-Spring Clip ]
|
[ ATS Heat Sink Body ]
|
[ Thermal Interface Material ]
|
[ Electronic Component (e.g., FPGA) ]
|
[ maxiGRIP Frame Clip ]
|
[ PCB Surface ]
```
---
- ⤷
What is the specific thermal resistance of this part at 400 LFM airflow?
- ⤷ Does the maxiGRIP system require holes to be drilled in the PCB?
- ⤷ What are the advantages of the flared fin design compared to straight fins?