ATS-53330K-C1-R0
AI

The **ATS-53330K-C1-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is specifically designed for cooling electronic components, primarily BGA (Ball Grid Array) packages.
---
### 1. Technical Specifications
The following table summarizes the physical and thermal characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Attachment Method** | maxiGRIP™ (Spring-loaded Clip) |
| **Dimensions** | 33.00mm x 33.00mm |
| **Height** | 14.50mm |
| **Material** | Aluminum (Black Anodized) |
| **Thermal Resistance** | 3.50°C/W @ 200 LFM |
| **Fin Style** | Straight Fin (Tapered) |
---
### 2. Key Electronic Features
#### A. maxiFLOW™ Design
The "maxiFLOW" geometry features a tapered fin design that increases the surface area for heat dissipation while maintaining a low pressure drop. This is critical in dense electronic enclosures where airflow may be restricted.
#### B. maxiGRIP™ Attachment System
One of the most important aspects of this part for electronic assembly is the **maxiGRIP™** mechanism:
* **Plastic Frame Clip:** A high-strength frame clips directly onto the component (BGA package).
* **Steady Pressure:** A stainless steel "X-style" spring clip applies constant, uniform pressure across the interface.
* **No Holes Required:** Unlike traditional screw-mount heat sinks, this does not require holes in the PCB, preserving trace routing space.
#### C. Thermal Interface Material (TIM)
The part typically comes with a pre-applied high-performance thermal interface material (like Chomerics T766). This ensures that the microscopic air gaps between the electronic chip and the aluminum heat sink are filled, maximizing heat transfer.
---
### 3. Application Use Cases
The ATS-53330K-C1-R0 is commonly used for cooling the following electronic parts:
1. **FPGAs & CPUs:** High-speed processors that generate significant localized heat.
2. **ASICs:** Application-specific integrated circuits in networking hardware.
3. **Video Controllers:** High-definition video processing chips.
---
- ⤷
What is the difference between maxiGRIP and traditional adhesive thermal tape?
- ⤷ How do I calculate the thermal resistance required for my specific chip?
- ⤷ Are there taller versions of the ATS-53330 series for better cooling?