ATS-53350D-C1-R0
AI

The **ATS-53350D-C1-R0** is a high-performance heat sink component manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "maxiFLOW™" series, specifically designed for cooling high-power electronic components like CPUs, GPUs, FPGAs, and ASICs.
### 1. Technical Specifications
The following table outlines the physical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Part Number** | ATS-53350D-C1-R0 |
| **Material** | Aluminum (with Blue Anodized Finish) |
| **Dimensions (L x W x H)** | 35mm x 35mm x 9.5mm |
| **Attachment Method** | Push-Pin (2-pin configuration) |
| **Thermal Resistance** | 5.30° C/W (at 200 LFM) |
| **Interface Material** | T766 (High-performance Phase Change Material) |
---
### 2. Key Electronic & Mechanical Features
#### A. maxiFLOW™ Fin Geometry
The "D" in the part number refers to a specific fin profile. The maxiFLOW™ design features a flared fin structure that increases the surface area for maximum heat dissipation while maintaining a low pressure drop. This is critical in electronics where airflow is restricted by other components on a PCB.
#### B. Attachment Mechanism: Push-Pins
Unlike adhesive tapes, this heat sink uses a **Brass Push-Pin** with a stainless steel spring.
* **Benefits:** Provides constant, uniform pressure on the electronic chip, which optimizes the contact between the die and the heat sink.
* **Reliability:** It is vibration-resistant and ensures the heat sink remains attached during thermal cycling (expansion and contraction).
#### C. Thermal Interface Material (TIM)
The unit comes pre-applied with **T766 phase change material**.
* **Function:** This material fills the microscopic air gaps between the chip surface and the heat sink base.
* **Behavior:** At operating temperatures, it softens to create a low-resistance thermal path, significantly improving cooling efficiency compared to standard pads.
---
### 3. Application Use Cases
This component is typically used in the following electronic sectors:
1. **Telecommunications:** Cooling of high-speed network switches and routers.
2. **Embedded Computing:** Industrial PC processors where active fan cooling is not feasible.
3. **Power Supplies:** Regulating temperature in high-density power modules.
---
- ⤷
What are the PCB hole requirements for the push-pin installation of this heat sink?
- ⤷ How does the T766 interface material compare to standard thermal grease?
- ⤷ Is there a version of this heat sink with a higher fin profile for better cooling?