ATS-53350P-C1-R0
AI

The **ATS-53350P-C1-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "maxiFLOW™" series, specifically designed for cooling high-power electronic components like CPUs, GPUs, FPGAs, and ASICs.
### 1. Technical Specifications
Below is a breakdown of the physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Dimensions (L x W x H)** | 35.0mm x 35.0mm x 17.5mm |
| **Attachment Method** | Push-Pin (2-Pin) |
| **Material** | Aluminum (Black Anodized) |
| **Thermal Resistance** | 2.50 °C/W (at 200 LFM) |
| **Pressure Drop** | 0.14 inH2O (at 200 LFM) |
---
### 2. Key Electronic & Design Features
#### A. Thermal Management Design
The unit utilizes a **tapered fin design**, which is characteristic of the maxiFLOW™ series. This design increases the surface area for heat dissipation while maximizing airflow through the fins, making it ideal for high-density electronic boards where space is limited.
#### B. Attachment Mechanism (Push-Pin)
The "P" in the part number indicates a **Push-Pin** attachment.
* **Spring-loaded Pins:** These ensure a specific amount of force (clamping pressure) is applied to the electronic component, which improves the thermal interface material (TIM) performance.
* **Reliability:** Unlike adhesive tapes, push-pins provide a secure mechanical connection that survives high-vibration environments.
#### C. Thermal Interface Material (TIM)
The ATS-53350P-C1-R0 usually comes with a pre-applied **Phase Change Material (PCM)** or high-performance thermal pad. This ensures optimal thermal transfer between the chip (heat source) and the aluminum base of the heat sink.
---
### 3. Common Applications
This heat sink is typically found in the following electronic sectors:
1. **Telecommunications:** High-speed routers and networking switches.
2. **Industrial Computing:** Embedded systems that operate in harsh thermal environments.
3. **Data Centers:** Cooling of power-management chips on server motherboards.
- ⤷
What are the differences between push-pin and clip-on mounting for this heat sink?
- ⤷ Can this heat sink be used with a custom thermal paste instead of the pre-applied TIM?
- ⤷ How does the fin height affect the thermal resistance in this specific model?