ATS-54150R-C1-R0
AI

The **ATS-54150R-C1-R0** is a high-performance heat sink manufactured by Advanced Thermal Solutions (ATS). It is specifically designed for component cooling in electronic applications, particularly for Ball Grid Array (BGA) packages.
---
### 1. Technical Specifications
The following table highlights the key physical and thermal properties of this component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-54150R-C1-R0 |
| **Heat Sink Type** | maxiFLOW™ |
| **Attachment Method** | maxiGRIP™ (Frame Clip) |
| **Shape** | Square |
| **Dimensions** | 15.00mm x 15.00mm |
| **Height** | 19.50mm |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 7.40°C/W @ 200 LFM |
---
### 2. Design Characteristics
This heat sink utilizes the **maxiFLOW™** fin geometry, which provides distinct advantages for modern PCB layouts:
* **Tapered Fin Design:** Increases surface area while reducing the pressure drop, allowing for more efficient heat dissipation in constrained airflows.
* **Material:** Made from lightweight aluminum with high thermal conductivity. The **Blue Anodized** finish is not just aesthetic; it protects against corrosion and improves emissivity.
* **maxiGRIP™ Attachment:** This is a key mechanical feature. It uses a high-performance plastic frame clip that snaps around the component and a stainless steel "steady" spring.
* *Benefit:* It applies constant pressure without requiring holes in the PCB, avoiding the risk of damaging the board or the BGA solder joints.
---
### 3. Applications and Thermal Interface
The part is typically used in environments where space is limited but heat generation is high.
#### Ideal Use Cases:
* **Networking/Telecom:** High-speed routers and switches.
* **Embedded Systems:** Industrial PCs and controllers.
* **Video Processing:** DSPs and FPGAs that run at high clock speeds.
#### Thermal Interface Material (TIM):
The "R0" suffix generally indicates that the unit comes pre-assembled with a **Phase Change Material (PCM)** or a high-performance thermal pad. This ensures that the microscopic gaps between the heat sink base and the chip surface are filled, minimizing thermal resistance.
---
- ⤷
How does the maxiGRIP attachment compare to push-pin mounting?
- ⤷ What is the recommended airflow direction for the maxiFLOW fin design?
- ⤷ Are there lower profile versions of this heat sink available for height-restricted enclosures?