ATS-54210W-C2-R0
AI

The **ATS-54210W-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "maxiFLOW™" product line, designed specifically for cooling electronic components such as CPUs, GPUs, and other high-heat integrated circuits.
---
## 1. Technical Specifications
The following table summarizes the physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Black Anodized) |
| **Attachment Method** | maxiGRIP™ (Frame Clip) |
| **Dimensions (L x W x H)** | 42.4mm x 42.4mm x 24.5mm |
| **Thermal Resistance** | 1.1 °C/W (@ 200 LFM) |
| **Flow Pattern** | Spread Fin (maxiFLOW™) |
| **Compliance** | RoHS Compliant |
---
## 2. Key Electronic & Mechanical Features
### A. maxiFLOW™ Fin Design
Unlike standard straight-fin heat sinks, the **maxiFLOW™** geometry features a tapered fin design. This reduces pressure drop and increases surface area, allowing for higher thermal efficiency in systems with low-to-medium airflow.
### B. maxiGRIP™ Attachment
One of the most critical aspects of this part is the **maxiGRIP™** assembly:
- **Steady Pressure:** It uses a high-performance plastic frame clip and a gold-colored spring clip to apply uniform pressure across the component.
- **No Holes Required:** It attaches directly to the component (like a BGA package), meaning you do not need to drill holes in the Printed Circuit Board (PCB).
- **Thermal Interface Material (TIM):** It typically comes with a pre-applied high-performance thermal pad (e.g., Chomerics T766) to ensure low thermal resistance between the chip and the metal.
### C. Application Environment
This part is engineered for high-density electronic environments:
* **Telecommunications:** Networking switches and routers.
* **Embedded Systems:** Industrial PCs and controllers.
* **Data Centers:** Server-grade processors requiring small footprint cooling.
---
## 3. Thermal Performance Reference
Thermal resistance ($\theta$) is measured in Celsius per Watt (°C/W). Lower values indicate better heat dissipation.
* **@ 200 LFM (Linear Feet per Minute):** 1.1 °C/W
* **@ 400 LFM:** 0.8 °C/W
* **@ 600 LFM:** 0.6 °C/W
---
- ⤷
How does the maxiGRIP attachment mechanism prevent damage to the PCB?
- ⤷ What is the recommended Thermal Interface Material (TIM) for this specific heat sink?
- ⤷ Can this heat sink be used for components larger than 42.4mm?