Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-54250R-C2-R0

  • AI
    ## Overview of ATS-54250R-C2-R0 The **ATS-54250R-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **maxiFLOW™** family, which is designed to provide optimal cooling for high-power electronic components, specifically focused on maximizing surface area for heat dissipation in airflow environments. --- ### Technical Specifications The following table outlines the physical and thermal properties of this specific part: | Property | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | maxiFLOW™ | | **Dimensions (L x W x H)** | 54.00mm x 54.00mm x 24.50mm | | **Material** | Aluminum (with Blue Anodized finish) | | **Attachment Method** | maxiGRIP™ (Spring clip / Frame clip) | | **Thermal Resistance** | 0.80 °C/W @ 200 LFM | | **Shape** | Square (Finned) | --- ### Key Electronic & Thermal Components #### 1. Heat Sink Geometry (The Fins) The part utilizes a **tapered fin design**. This specific geometry increases the surface area exposed to air while reducing pressure drop. For electronics, this means the component can cool sensitive chips (like CPUs, FPGAs, or GPUs) more efficiently even with lower fan speeds. #### 2. Material and Coating * **Aluminum:** Chosen for its high thermal conductivity and lightweight properties. * **Blue Anodized Finish:** Beyond aesthetics, the anodization protects the aluminum from corrosion and slightly improves radiant heat transfer. #### 3. maxiGRIP™ Attachment System This is a critical electronic hardware component. It consists of: * **Plastic Frame Clip:** Attaches directly to the PCB without requiring holes. * **Stainless Steel Spring Clip:** Applies steady, even pressure across the electronic component (the "die"), ensuring optimal contact with the thermal interface material (TIM). #### 4. Thermal Interface Material (TIM) The "R0" at the end of the part number typically signifies the pre-applied thermal material. * The part usually comes with **Chomerics T766** or a similar high-performance phase-change material. * This material fills the microscopic air gaps between the chip and the heat sink to facilitate heat flow. --- ### Typical Applications This part is commonly found in high-reliability electronic systems such as: * **Network Switches and Routers:** Cooling high-speed processing chips. * **Telecommunications:** Base station power modules. * **Industrial Computing:** Embedded systems where vertical space (24.5mm) is available.
    ✨ Follow-up Questions
    • ⤷ How does the maxiGRIP attachment system differ from traditional push-pins?
    • ⤷ What is the recommended airflow direction for the maxiFLOW fin pattern?
    • ⤷ Are there alternative heights available for the ATS-54250 series?