ATS-54290K-C2-R0
AI

The **ATS-54290K-C2-R0** is a high-performance heat sink component manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "maxiFLOW™" series, specifically designed for cooling electronic components such as processors, FPGAs, and ASICs where space is limited and thermal performance is critical.
---
### 1. Technical Specifications
The following table summarizes the key physical and thermal characteristics of this part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Dimensions (L x W x H)** | 42.9mm x 42.9mm x 14.5mm |
| **Material** | Aluminum (Black Anodized) |
| **Attachment Method** | maxiGRIP™ (Frame Clip) |
| **Thermal Resistance** | 2.50°C/W @ 200 LFM |
| **Shape** | Square, Sloped Fin Design |
---
### 2. Key Components & Design Features
#### A. The Fin Geometry (maxiFLOW™)
The "K" in the part number refers to the specific sloped fin design. Unlike traditional straight-fin heat sinks, these fins are tapered. This design increases the surface area while reducing pressure drop, allowing for maximum airflow efficiency in congested electronic assemblies.
#### B. The Attachment System (maxiGRIP™)
One of the most significant "parts" of this assembly is the mounting mechanism:
* **Plastic Frame Clip:** A high-strength plastic frame that surrounds the component.
* **Stainless Steel Spring Clip:** A "steady-force" spring that applies consistent pressure across the thermal interface material (TIM) without requiring holes in the PCB.
#### C. Thermal Interface Material (TIM)
The unit typically comes pre-assembled with a high-performance thermal pad or phase-change material on the base to ensure low contact resistance between the electronic chip and the aluminum base.
---
### 3. Application Use Cases
This part is typically used in environments where electronic components generate significant heat but have low vertical clearance (only 14.5mm high).
* **Telecommunications:** Network switches and high-speed routers.
* **Computing:** Embedded systems and industrial PC cooling.
* **Power Electronics:** Cooling for high-efficiency DC-DC converters.
---
- ⤷
What is the difference between the maxiGRIP and superGRIP attachment methods?
- ⤷ How does the sloped fin design improve thermal performance compared to straight fins?
- ⤷ Can this heat sink be used with a dedicated fan attachment?