ATS-54290R-C1-R0
AI

## Technical Overview of ATS-54290R-C1-R0
The **ATS-54290R-C1-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of their "maxiFLOW™" product line, specifically designed for cooling high-power electronic components such as processors, FPGAs, and ASICs.
### 1. Key Specifications
The following table highlights the physical and thermal characteristics of this specific part number:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum (Anodized) |
| **Dimensions (L x W x H)** | 29.00mm x 29.00mm x 24.50mm |
| **Attachment Method** | pushPIN™ (Spring Loaded) |
| **Thermal Resistance** | 2.50 °C/W (at 200 LFM) |
| **Fin Style** | Tapered / High-Performance |
---
### 2. Electronic/Thermal Functionality
While the part itself is a passive mechanical component, its "electronic" role is critical for the stability of the PCBA (Printed Circuit Board Assembly):
* **Heat Dissipation:** It increases the surface area of the component it is attached to (usually a BGA package), allowing heat to be transferred more efficiently into the surrounding air.
* **Thermal Interface Material (TIM):** This specific model typically comes with a pre-applied thermal interface material (like Chomerics T766) to ensure there are no air gaps between the chip and the heat sink.
* **Airflow Optimization:** The maxiFLOW™ design features a flared fin structure which reduces pressure drop and increases the effectiveness of forced convection (fans).
### 3. Mounting System: pushPIN™
The suffix `-C1-R0` indicates a specific mounting and material configuration.
* **Mechanical Stability:** It uses a spring-loaded pushPIN™ system. This provides a consistent "pressure" on the chip, which is vital for preventing cracking of the silicon die while maintaining a high-quality thermal bond.
* **Electrical Grounding:** By making physical contact with the PCB at specific points, heat sinks can sometimes assist in EMI shielding or grounding, though their primary purpose is thermal management.
---
### 4. Typical Applications
This component is commonly found in the following electronic systems:
* **Networking Gear:** High-speed routers and switches.
* **Industrial Computing:** Embedded systems where active cooling (fans) might be limited.
* **Automotive Electronics:** Control modules that generate significant heat in compact spaces.
- ⤷What is the difference between the C1 and C2 versions of this heat sink?
- ⤷ How do I calculate the required airflow (LFM) for this specific model?
- ⤷ What are the compatible PCB hole patterns for the pushPIN mounting system?