ATS-54300K-C2-R0
AI

## Technical Overview: ATS-54300K-C2-R0
The **ATS-54300K-C2-R0** is a high-performance **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** series, which is specifically designed for cooling high-power electronic components such as processors, FPGAs, and ASICs in air-cooled environments.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Black Anodized) |
| **Thermal Resistance** | 0.80 °C/W @ 200 LFM |
| **Dimensions (L x W x H)** | 54.00mm x 54.00mm x 30.00mm |
| **Attachment Method** | maxiGRIP™ (Steady spring clip) |
| **Base Shape** | Square |
| **Fin Style** | Tapered (maxiFLOW™ design) |
---
### 2. Design Characteristics
#### A. maxiFLOW™ Fin Geometry
The unique "flared" or tapered fin design increases the surface area for heat dissipation while maintaining a low pressure drop. This allows for maximum airflow through the heat sink, even in high-density PCB layouts.
#### B. Attachment Mechanism (maxiGRIP™)
The "C2" in the part number refers to the attachment system. This model utilizes the **maxiGRIP™** assembly, which consists of:
* **Plastic Frame Clip:** Attaches directly to the component base.
* **Stainless Steel Spring Clip:** Applies high, uniform pressure across the thermal interface without requiring holes in the PCB.
#### C. Material and Finish
* **Aluminum:** Provides a balance between thermal conductivity and lightweight construction.
* **Black Anodization:** Increases emissivity, which slightly improves thermal performance through radiation and provides corrosion resistance.
---
### 3. Thermal Performance Profile
Thermal performance is dependent on the velocity of the air moving through the fins (measured in Linear Feet per Minute - LFM):
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 | 0.80 |
| 300 | 0.60 |
| 400 | 0.50 |
| 500 | 0.45 |
| 600 | 0.40 |
---
### 4. Applications
This part is commonly used in hardware environments where space is premium but heat generation is high, including:
* **Telecommunications:** Network switches and routers.
* **Data Centers:** Server blades and storage controllers.
* **Industrial:** High-speed motor controllers and power conversion modules.
- ⤷
How does the maxiGRIP attachment compare to standard push-pin mounting?
- ⤷ What type of Thermal Interface Material (TIM) is recommended for this heat sink?
- ⤷ Can this heat sink be used in a passive cooling environment without fans?