ATS-54330K-C2-R0
AI

The **ATS-54330K-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "maxiFLOW™" series, designed to provide superior cooling for electronic components like BGAs (Ball Grid Arrays).
---
### 1. Technical Specifications
The following table highlights the core physical and thermal properties of the device:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Black Anodized) |
| **Thermal Resistance** | 0.90 °C/W @ 200 LFM |
| **Dimensions (L x W x H)** | 54mm x 54mm x 30mm |
| **Attachment Method** | maxiGRIP™ (Frame Clip) |
| **Thermal Interface (TIM)** | T766 (Pre-applied) |
---
### 2. Key Component Features
#### A. maxiFLOW™ Fin Geometry
The "maxiFLOW" design features a tapered fin structure. Unlike standard straight-fin heat sinks, this geometry maximizes the surface area for heat dissipation while reducing pressure drop, making it highly efficient in environments with forced-air cooling.
#### B. maxiGRIP™ Attachment System
This part uses a unique mechanical attachment system:
* **Frame Clip:** A plastic frame that surrounds the component.
* **Spring Clip:** A stainless steel "X-clip" that provides steady, even pressure across the component.
* **Benefits:** This avoids the need to drill holes in the PCB and allows for easy removal or re-work without damaging the board.
#### C. Thermal Interface Material (TIM)
The unit comes with **T766** pre-applied to the base. This is a high-performance phase-change material that fills microscopic air gaps between the chip and the heat sink to ensure maximum heat transfer.
---
### 3. Application Use Cases
This specific heat sink is typically used for high-power integrated circuits, including:
* **Network Switches/Routers:** Cooling high-speed processors.
* **FPGAs & ASICs:** Managing heat in programmable logic devices.
* **Server CPUs:** Secondary cooling for localized hotspots.
* **Industrial Controls:** Ensuring reliability in enclosed, high-temperature environments.
---
### 4. Dimensional Drawing Overview
```text
[ 54mm ]
__________ ___
| |||||||| | |
| |||||||| | 30mm (Height)
| |||||||| | |
|__________| _|_
(Base)
```
- ⤷
What is the maximum power dissipation (Watts) this heat sink can handle in a typical server environment?
- ⤷ How does the maxiGRIP attachment compare to push-pin or adhesive mounting?
- ⤷ Are there alternative Thermal Interface Materials available for this model if T766 is not suitable?