ATS-54330W-C2-R0
AI

The **ATS-54330W-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **maxiFLOW™** series, which is specifically designed to provide high thermal performance in environments with constrained airflow.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific component:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-54330W-C2-R0 |
| **Series** | maxiFLOW™ |
| **Dimensions (L x W x H)** | 54mm x 54mm x 33mm |
| **Material** | Aluminum |
| **Fin Style** | Tapered Fin Design |
| **Thermal Resistance** | 0.8 °C/W (at 200 LFM) |
| **Attachment Method** | thermal interface material (no clips included) |
| **Coating/Finish** | Gold Anodized |
---
### 2. Key Design Features
* **maxiFLOW™ Geometry:** The unique flared fin design increases the surface area for heat dissipation while reducing the pressure drop, allowing for more efficient cooling compared to standard straight-fin heat sinks.
* **High Aspect Ratio Fins:** These provide maximum cooling surface in a compact 54mm square footprint.
* **Gold Anodized Finish:** This provides additional corrosion resistance and improved surface emissivity, which aids in radiant heat transfer.
* **Pre-Applied TIM:** Typically, the "-R0" version comes with a pre-applied high-performance Thermal Interface Material (TIM) on the base to simplify installation.
---
### 3. Common Applications
This part is used in electronics where high-power components generate significant heat in tight spaces:
1. **Telecommunications:** Cooling of FPGAs, ASICs, and network processors.
2. **Computing:** High-end CPUs and server components.
3. **Power Electronics:** Cooling of IGBT modules or high-capacity power supplies.
4. **Embedded Systems:** Industrial PCs requiring passive or semi-active cooling.
---
### 4. Thermal Performance Context
The efficiency of the ATS-54330W-C2-R0 is highly dependent on airflow velocity (LFM - Linear Feet per Minute):
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 LFM | 0.8 °C/W |
| 400 LFM | 0.6 °C/W |
| 600 LFM | 0.5 °C/W |
- ⤷What is the difference between the gold and black anodized versions of this heat sink?
- ⤷ How do I calculate the junction temperature using this heat sink's thermal resistance?
- ⤷ Does this model support 'push-pin' or 'fan-clip' mounting?