ATS-54350W-C2-R0
AI

The **ATS-54350W-C2-R0** is a high-performance heat sink component manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "maxiFLOW™" series, specifically designed for cooling electronic components that require efficient thermal dissipation in restricted spaces.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Product Category** | Passive Cooling / Heat Sink |
| **Material** | Aluminum (Anodized Blue) |
| **Thermal Resistance** | 0.90 °C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 54mm x 54mm x 35mm |
| **Attachment Method** | maxiGRIP™ (Spring-clip) |
| **Interface Material** | T766 (Thermal Tape/Phase Change) |
---
### 2. Design and Component Breakdown
#### A. The maxiFLOW™ Fin Geometry
The fins are designed with a tapered, "flared" geometry. Unlike standard straight-fin heat sinks, this design increases the surface area for heat radiation while maintaining low pressure drop, making it highly effective in high-velocity airflow environments.
#### B. The maxiGRIP™ Attachment System
This part utilizes a unique mechanical attachment system:
* **Plastic Frame Clip:** A frame that snaps around the electronic component (usually a BGA/FPGA).
* **Stainless Steel Spring:** A "C-clip" that applies consistent pressure to the heat sink, ensuring optimal contact with the chip.
* **Benefit:** This prevents "tilting" of the heat sink and allows for easy removal/rework without damaging the PCB or the chip.
#### C. Material Composition
* **Aluminum 6063:** Chosen for its high thermal conductivity and lightweight properties.
* **Blue Anodize:** The finish is not just aesthetic; anodizing improves emissivity (radiation heat transfer) and provides a protective layer against corrosion.
---
### 3. Applications in Electronics
This specific part is typically found in high-heat density electronic systems, including:
1. **Telecommunications:** Network switches and routers.
2. **Computing:** High-speed processors, FPGAs (Field Programmable Gate Arrays), and ASICs.
3. **Industrial:** Power supplies and motor controllers that require stable thermal management to avoid throttling or failure.
---
### 4. Thermal Performance Comparison
*At various airflows (Linear Feet per Minute):*
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 | 0.90 |
| 300 | 0.70 |
| 400 | 0.60 |
| 500 | 0.55 |
- ⤷
How does the maxiGRIP attachment system compare to traditional thermal adhesive?
- ⤷ What are the advantages of flared fins over straight fins in thermal management?
- ⤷ Can this heat sink be used with components larger than 54mm?