ATS-54375W-C1-R0
AI

The **ATS-54375W-C1-R0** is a high-performance thermal management component, specifically a **Heat Sink** from the *maxiFLOW™* series manufactured by **Advanced Thermal Solutions (ATS)**.
Below is a detailed breakdown of its specifications and electronic/mechanical characteristics.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum (Black Anodized) |
| **Attachment Method** | maxiGRIP™ (Frame Clip) |
| **Thermal Resistance** | 1.10°C/W @ 200 LFM |
| **Dimensions (L x W)** | 45.00mm x 45.00mm |
| **Height** | 24.50mm |
---
### 2. Design and Engineering Features
The ATS-54375W-C1-R0 is engineered for cooling high-power electronic components like FPGAs, CPUs, and GPUs.
#### A. The maxiFLOW™ Fin Geometry
Unlike standard straight-fin heat sinks, the maxiFLOW™ design features a **tapered fin structure**.
* **Purpose:** This increases the surface area for heat dissipation while reducing the pressure drop of the airflow passing through it.
* **Result:** Highly efficient cooling in forced-convection (fan-cooled) environments.
#### B. The maxiGRIP™ Attachment System
This part uses a specialized mechanical attachment system:
* **Frame Clip:** A plastic frame attaches to the component/PCB.
* **Spring Clip:** A "steady-spring" steel clip applies consistent pressure across the center of the heat sink.
* **Benefit:** This avoids the need for drilling holes in the PCB and allows for easy removal or re-work without damaging the board.
#### C. Thermal Interface Material (TIM)
The "R0" suffix indicates that the unit typically comes with a **pre-applied thermal interface material** (usually Chomerics T766). This ensures a low-resistance thermal path between the electronic component (heat source) and the aluminum sink.
---
### 3. Thermal Performance Profile
Thermal performance is measured by how much the temperature rises per Watt of power.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| **200 LFM (1.0 m/s)** | 1.10 |
| **300 LFM (1.5 m/s)** | 0.90 |
| **400 LFM (2.0 m/s)** | 0.70 |
| **600 LFM (3.0 m/s)** | 0.60 |
---
### 4. Typical Applications
* **Networking Gear:** High-speed switches and routers.
* **Data Centers:** Server processors.
* **Industrial Power Supplies:** Cooling power MOSFETs or IGBTs.
* **Telecommunications:** Base station signal processing units.
---
- ⤷
What is the difference between the R0 and other suffixes in this series?
- ⤷ How do I calculate the required LFM for my specific power dissipation?
- ⤷ Does this heat sink require a specific PCB footprint for the maxiGRIP clip?