ATS-54375W-C2-R0
AI

The **ATS-54375W-C2-R0** is a high-performance thermal management component manufactured by **Advanced Thermal Solutions (ATS)**. Specifically, it belongs to the **maxiFLOW™** series of heat sinks, designed for cooling electronic components such as processors, FPGAs, and ASICs.
---
### 1. Technical Specifications
The following table outlines the key physical and thermal properties of the part:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Heat Sink |
| **Series** | maxiFLOW™ |
| **Dimensions (L x W x H)** | 37.00mm x 37.00mm x 24.50mm |
| **Material** | Aluminum |
| **Finish** | Black Anodized |
| **Attachment Method** | maxiGRIP™ (Frame Clip) |
| **Thermal Resistance** | 1.80°C/W (at 200 LFM) |
---
### 2. Key Design Features
#### A. maxiFLOW™ Fin Geometry
The "W" in the part number often refers to the **spread fin geometry**. Unlike standard straight fins, these fins are tapered and flared. This design:
* Increases the surface area for heat dissipation.
* Reduces pressure drop, allowing air to flow more easily through the sink.
* Is optimized for high-velocity airflow environments.
#### B. maxiGRIP™ Attachment System
This part utilizes a specialized mechanical attachment system rather than thermal adhesive or push-pins.
* **Plastic Frame Clip:** A frame snaps around the component.
* **Stainless Steel Spring Clip:** A "steady-force" spring applies consistent pressure across the interface.
* **Reliability:** This system allows the heat sink to be removed and reattached without damaging the PCB, which is critical during testing or rework.
#### C. Thermal Interface Material (TIM)
The "C2" designation typically indicates that the part comes pre-applied with a **Thermal Interface Material**. Specifically:
* **Type:** Often high-performance phase-change material or thermal pad.
* **Purpose:** To eliminate air gaps between the component die and the heat sink base, ensuring maximum heat transfer.
---
### 3. Application Use Cases
This specific heat sink is used in dense electronic environments where vertical space is available (24.5mm height) but board real estate is limited. Common applications include:
* **Telecommunications:** Network switches and routers.
* **Computing:** High-speed servers and data storage units.
* **Industrial Power:** Power supplies and motor controllers.
---
- ⤷
What is the difference between the maxiGRIP and push-pin mounting methods?
- ⤷ How do I calculate the required airflow (LFM) for this specific heat sink?
- ⤷ Are there low-profile alternatives in the ATS-54375 series?