ATS-54425R-C2-R0
AI

The **ATS-54425R-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **maxiFLOW™** series, designed specifically for cooling electronic components like CPUs, GPUs, and ASICs in high-airflow environments.
---
### 1. Technical Specifications
Below are the primary mechanical and thermal specifications for this part:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | maxiGRIP™ (Frame Clip) |
| **Thermal Resistance** | 1.1 °C/W (at 200 LFM) |
| **Dimensions (L x W x H)** | 42.5mm x 42.5mm x 24.5mm |
| **Fin Style** | Straight / Tapered (maxiFLOW™) |
| **Interface Material** | T766 (Thermal Tape/Grease) |
---
### 2. Key Design Components
#### A. maxiFLOW™ Fin Geometry
The "R" in the part number often refers to the specific profile of the fins. The maxiFLOW™ design features a flared fin structure. This increases the surface area and creates more turbulence in the air, which helps dissipate heat more effectively than standard straight-fin heat sinks.
#### B. maxiGRIP™ Attachment System
The **-C2** designation typically relates to the attachment hardware.
* **Plastic Frame Clip:** It uses a high-strength plastic frame that clips around the component.
* **Stainless Steel Spring:** A "steady-force" spring clip applies consistent pressure across the center of the heat sink.
* **No Holes Required:** This system does not require holes in the PCB, which is critical for high-density board designs.
#### C. Thermal Interface Material (TIM)
The unit comes pre-applied with a thermal interface material (T766). This ensures that microscopic air gaps between the component surface and the heat sink base are filled, minimizing thermal resistance.
---
### 3. Application Use-Cases
This specific heat sink is typically used for cooling:
1. **BGA (Ball Grid Array) Packages:** Its 42.5mm footprint is a standard size for many mid-to-high power FPGAs and processors.
2. **Network Switches:** Used in rack-mounted equipment where forced-air cooling (fans) is present.
3. **Industrial Controllers:** Where high reliability and vibration resistance (provided by the maxiGRIP clip) are necessary.
---
### 4. Part Number Breakdown
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **54425:** Series and physical dimensions (42.5mm).
* **R:** maxiFLOW™ flared fin geometry.
* **C2:** Indicates the specific attachment clip/hardware version.
* **R0:** Revision code or standard packaging indicator.
- ⤷
How does the maxiGRIP attachment compare to push-pin mounting?
- ⤷ What is the pressure rating of the T766 thermal interface material?
- ⤷ Can this heat sink be used in a passive cooling (natural convection) environment?