Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-55150R-C1-R0

  • AI
    The **ATS-55150R-C1-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "superGRIP" series, designed specifically for cooling electronic components like CPUs, GPUs, and FPGAs. --- ### 1. Technical Specifications The following table outlines the physical and thermal characteristics of this specific component: | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Dimensions (L x W x H)** | 15mm x 15mm x 24.5mm | | **Attachment Method** | superGRIP™ (Clip-on) | | **Thermal Resistance** | 5.50 °C/W @ 200 LFM | | **Fin Style** | Straight Fin | --- ### 2. Key Electronic Functions While a heat sink is a passive mechanical part, its role in an electronic system is critical for stability and longevity: * **Thermal Dissipation:** It increases the surface area of a semiconductor package, allowing heat to transfer more efficiently into the ambient air via convection. * **Preventing Thermal Throttling:** By maintaining lower junction temperatures, it prevents modern processors from reducing their clock speed (throttling) to protect against heat damage. * **Component Reliability:** High temperatures accelerate the degradation of silicon. This part ensures the component stays within its Safe Operating Area (SOA). --- ### 3. Attachment Mechanism: superGRIP™ One of the defining "electronic part" features of this model is the **superGRIP™** attachment system. This is highly valued in PCB design for several reasons: 1. **High Reliability:** It provides a strong, constant pressure on the thermal interface material (TIM) without requiring holes in the PCB. 2. **Space Efficiency:** The "frame clip" occupies minimal space around the component, making it ideal for high-density board layouts. 3. **No Mechanical Stress:** Unlike some bolt-on heat sinks, the clip system minimizes the risk of cracking the solder balls under a BGA (Ball Grid Array) chip. --- ### 4. Common Applications * **Network Switches/Routers:** Cooling high-speed processing chips. * **Telecommunications:** Used in small form-factor pluggable modules. * **Embedded Systems:** Industrial PCs where airflow might be restricted.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the ATS-55150R and other fin styles like pin-fins?
    • ⤷ How do I calculate if 5.50 °C/W is sufficient for my specific chip power rating?
    • ⤷ What type of Thermal Interface Material (TIM) is recommended for use with this heat sink?