ATS-55170K-C1-R0
AI

The **ATS-55170K-C1-R0** is a high-performance thermal management component, specifically a heat sink from the **maxiFLOW™** series manufactured by **Advanced Thermal Solutions (ATS)**.
Below is a detailed breakdown of its electronic and physical specifications.
### 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-55170K-C1-R0 |
| **Product Series** | maxiFLOW™ |
| **Attachment Method** | **pushPIN™** (Provides secure, consistent pressure) |
| **Thermal Resistance (Flow)** | ~2.60 °C/W @ 200 LFM |
| **Material** | Aluminum (Black Anodized) |
| **Dimensions (L x W x H)** | 17mm x 17mm x 14.5mm |
---
### 2. Key Design Features
#### A. maxiFLOW™ Geometry
The "K" in the part number indicates a specific fin pattern. Unlike traditional straight-fin heat sinks, the maxiFLOW™ design features a **tapered fin structure**. This design:
* Maximizes surface area for heat dissipation.
* Reduces pressure drop, allowing air to flow more efficiently through the fins.
* Is optimized for high-density electronic packaging where airflow might be constrained.
#### B. pushPIN™ Attachment System
This specific model uses a specialized mounting mechanism:
* **Compression Springs:** Ensures uniform pressure across the component (TIM) for better heat transfer.
* **Plastic/Brass Pins:** Secure the heat sink through pre-drilled holes in the PCB.
* **Reliability:** It is designed to withstand shock and vibration better than simple adhesive tapes.
#### C. Thermal Interface Material (TIM)
The **"C1"** in the suffix typically indicates that the part comes with a pre-applied **Thermal Interface Material**.
* This eliminates the need for manual application of thermal grease.
* Ensures a low-resistance thermal path between the semiconductor die and the aluminum base.
---
### 3. Typical Applications
The ATS-55170K-C1-R0 is commonly used to cool small, high-heat components including:
* **FPGAs & ASICs:** Custom logic chips in networking equipment.
* **Processors:** High-speed embedded CPUs.
* **Power Modules:** Voltage regulators that generate significant heat in a small footprint (17x17mm).
---
### 4. Thermal Performance Comparison
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (1.0 m/s) | 2.60 |
| 300 (1.5 m/s) | 2.10 |
| 400 (2.0 m/s) | 1.80 |
- ⤷
What are the PCB hole requirements for the pushPIN mounting system?
- ⤷ How does the 'Black Anodized' finish affect the thermal radiation performance?
- ⤷ Is there a version of this heat sink available with thermal tape instead of pushPINs?